Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C010-20 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28C010-20
Description  1 Megabit 128K x 8 Paged CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-20 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28C010-20 Datasheet HTML 1Page - ATMEL Corporation AT28C010-20 Datasheet HTML 2Page - ATMEL Corporation AT28C010-20 Datasheet HTML 3Page - ATMEL Corporation AT28C010-20 Datasheet HTML 4Page - ATMEL Corporation AT28C010-20 Datasheet HTML 5Page - ATMEL Corporation AT28C010-20 Datasheet HTML 6Page - ATMEL Corporation AT28C010-20 Datasheet HTML 7Page - ATMEL Corporation AT28C010-20 Datasheet HTML 8Page - ATMEL Corporation AT28C010-20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write (2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X
(1)
X
High Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
Operating Modes
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1V
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1V
3
mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
80
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH1
Output High Voltage
IOH = -400
µA
2.4
V
VOH2
Output High Voltage CMOS
IOH = -100
µA; VCC = 4.5V
4.2
V
DC Characteristics
AT28C010-12
AT28C010-15
AT28C010-20
AT28C010-25
Operating
Temperature (Case)
Mil.
-55°C - 125°C
-55°C - 125°C
-55°C - 125°C
-55°C - 125°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and AC Operating Range
DEVICE IDENTIFICATION: An extr a 128- b y te s o f
E2PROM memory are available to the user for device
identification. By raising A9 to 12V
± 0.5V and using ad-
dress locations 1FF80H to 1FFFFH the bytes may be writ-
ten to or read from in the same manner as the regular
memory array.
OPTIONAL CHIP ERASE MODE: The entire device can
be erased using a 6-byte software code. Please see Soft-
ware Chip Erase application note for details.
Device Operation (Continued)
2-246
AT28C010 Mil


Similar Part No. - AT28C010-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-20 ATMEL-AT28C010-20 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20FM/883 ATMEL-AT28C010-20FM/883 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-20JC ATMEL-AT28C010-20JC Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20JI ATMEL-AT28C010-20JI Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20PC ATMEL-AT28C010-20PC Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
More results

Similar Description - AT28C010-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com