Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C010-20 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C010-20
Description  1 Megabit 128K x 8 Paged CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C010-20 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C010-20 Datasheet HTML 1Page - ATMEL Corporation AT28C010-20 Datasheet HTML 2Page - ATMEL Corporation AT28C010-20 Datasheet HTML 3Page - ATMEL Corporation AT28C010-20 Datasheet HTML 4Page - ATMEL Corporation AT28C010-20 Datasheet HTML 5Page - ATMEL Corporation AT28C010-20 Datasheet HTML 6Page - ATMEL Corporation AT28C010-20 Datasheet HTML 7Page - ATMEL Corporation AT28C010-20 Datasheet HTML 8Page - ATMEL Corporation AT28C010-20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AT28C010 Mil
1 Megabit
(128K x 8)
Paged
CMOS
E
2PROM
Military
Features
Fast Read Access Time - 120 ns
Automatic Page Write Operation
Internal Address and Data Latches for 128-Bytes
Internal Control Timer
Fast Write Cycle Time
Page Write Cycle Time - 10 ms Maximum
1 to 128-Byte Page Write Operation
Low Power Dissipation
80 mA Active Current
300
µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
Endurance: 10
4 or 105 Cycles
Data Retention: 10 Years
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-Wide Pinout
Description
The AT28C010 is a high-performance Electrically Erasable and Programmable Read
Only Memory. Its one megabit of memory is organized as 131,072 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
(continued)
CERDIP, FLATPACK
Top View
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
Pin Configurations
44 LCC
Top View
32 LCC
Top View
PGA
Top View
0353C
AT28C010 Mil
2-243


Similar Part No. - AT28C010-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-20 ATMEL-AT28C010-20 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20DM/883 ATMEL-AT28C010-20DM/883 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20EM/883 ATMEL-AT28C010-20EM/883 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20FM/883 ATMEL-AT28C010-20FM/883 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010-20FM/883 ATMEL-AT28C010-20FM/883 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
More results

Similar Description - AT28C010-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com