Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1504728 Datasheet(PDF) 2 Page - ITT Industries

Part # 1504728
Description  APD Transportation Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

1504728 Datasheet(HTML) 2 Page - ITT Industries

  1504728 Datasheet HTML 1Page - ITT Industries 1504728 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Interconnect Solutions
www.ittcannon.com
APD for Wheeled Armored Vehicles
January 2010
APPLICATION NOTE
The ITT Solution …
The APD product line was originally designed to meet the
automotive norm DIN72585 (now ISO15170), and is now
an ideal fit when the military specification requirements
are removed. These connectors are lightweight, cost
effective, easy to assemble, and offer additional security
of a secondary locking system for high pin counts. This
line is readily available and covers a wide range of layouts
and required technical features such as high vibration
resistance, resistance to fluids, and high sealing grades
up to IP67 / IP69K.
The Challenge
Military / Defense applications have always used
rugged, metal connectors specified for this
market. With the demand for reduced spending
of governmental organizations, this market
opened partially for non-military type
components. Not all military vehicles parts need
the same level of reliability. Wheeled armored
vehicles, mainly used for troop transporting, are
a specific type of military vehicle this approach
applies to. While the inner frame incorporates
weaponry, radio or drive control which still
requires a “military connector” other applications
on the outside such as lighting and mirrors or
functions such as cooling and heating allow for
less expensive and lighter plastic connectors.
Features
Circular Plastic Connectors 1 to 51 way
Fluid resistance against oil, diesel, break
fluids etc.
IP Rating up to IP67 / IP69K
Specified to ISO 15170
Vibration proof
Stamped and machined contact offering
Mechanical & colour coding
Up to 48V
Secondary locking
Applications
Heating & cooling
Mirror systems
Tire Pressure
Lighting
Speakers
Microphones
For application assistance, please contact:
AMERICAS
George Blazas, 1.860.945.8294, George.Blazasl@itt.com
ASIA
Edward Wong, +852.258.958.39, Edward.Wong@itt.com
EUROPE
Achim Raad, +49.7151.699.263, Achim.Raad@de.itt.com


Similar Part No. - 1504728

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
150472 ADELS-150472 Datasheet
120Kb / 1P
   160 ST/12 natural
30/12/2019
logo
List of Unclassifed Man...
1504721000DB ETC2-1504721000DB Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
150472630AA ETC2-150472630AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
150472630BB ETC2-150472630BB Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
150472J1000DB1 CDE-150472J1000DB1 Datasheet
172Kb / 4P
   Type 150 Axial Leaded Metallized Polyester
More results

Similar Description - 1504728

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CT150-2-MX34 JAE-CT150-2-MX34 Datasheet
147Kb / 2P
   Transportation
logo
Laird Tech Smart Techno...
B4303S LSTD-B4303S Datasheet
521Kb / 2P
   Transportation
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
   Transportation centers
logo
Power System Technology
PST06 PST-PST06 Datasheet
285Kb / 4P
   Industrial / Transportation
logo
ITT Industries
ISO15170 ITT-ISO15170 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
logo
FCI connector
59453-041110EDHLF FCI-CONNECTOR-59453-041110EDHLF Datasheet
2Mb / 22P
   Selection of connectors for the Non-Automotive Transportation Market
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
   Si APD ?1 mm quadrant APD
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM_18 Datasheet
1Mb / 22P
   Transportation, Plane, Ship
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
   Automotive and Transportation Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com