Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28HC64B-55 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28HC64B-55
Description  64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B-55 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28HC64B-55 Datasheet HTML 1Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 2Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 3Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 4Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 5Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 6Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 7Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 8Page - ATMEL Corporation AT28HC64B-55 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AT28HC64B
64K (8K x 8)
High Speed
CMOS
E
2PROM with
Page Write and
Software Data
Protection
Features
Fast Read Access Time - 55 ns
Automatic Page Write Operation
Internal Address and Data Latches for 64-Bytes
Fast Write Cycle Times
Page Write Cycle Time: 10 ms Maximum
1 to 64-Byte Page Write Operation
Low Power Dissipation
40 mA Active Current
100
µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling and Toggle Bit for End of Write Detection
High Reliability CMOS Technology
Endurance: 100,000 Cycles
Data Retention: 10 Years
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-Wide Pinout
Commercial and Industrial Temperature Ranges
Note: PLCC package pins 1 and
17 are DON’T CONNECT.
PDIP, SOIC
Top View
PLCC
Top View
Pin Name
Function
A0 - A12
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
Pin Configurations
TSOP
Top View
Description
The AT28HC64B is a high-performance electrically erasable and programmable read
only memory (EEPROM). Its 64K of memory is organized as 8,192 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 55 ns with power dissipation of just 220 mW. When the device is
deselected, the CMOS standby current is less than 100
µA.
The AT28HC64B is accessed like a Static RAM for the read or write cycle without the
need for external components. The device contains a 64-byte page register to allow
(continued)
0274D
AT28HC64B
2-267


Similar Part No. - AT28HC64B-55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B-12JI ATMEL-AT28HC64B-12JI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-12JU ATMEL-AT28HC64B-12JU Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-12PI ATMEL-AT28HC64B-12PI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-12SI ATMEL-AT28HC64B-12SI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-12SU ATMEL-AT28HC64B-12SU Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28HC64B-55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28LV64B ATMEL-AT28LV64B Datasheet
484Kb / 9P
   64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com