Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT34C02-10PI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT34C02-10PI
Description  2-Wire Serial EEPROM with Permanent Software Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02-10PI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT34C02-10PI Datasheet HTML 4Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 5Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 6Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 7Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 8Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 9Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 10Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 11Page - ATMEL Corporation AT34C02-10PI Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT34C02
9
SEQUENTIAL READ: Sequential reads are initiated by
either a current address read or a random address read.
After the microcontroller receives a data word, it responds
with an acknowledge. As long as the EEPROM receives an
acknowledge, it will continue to increment the data word
address and serially clock out sequential data words. When
the memory address limit is reached, the data word
address will “roll over” and the sequential read will con-
tinue. The sequential read operation is terminated when
the microcontroller does not respond with a zero but does
generate a following stop condition (refer to Figure 7).
WRITE PROTECT REGISTER STATUS: To find out if the
register has been programmed, the same procedure is
used as to program the register except that the R/W bit is
set to 1. If the device acknowledges, then the write protect
register has not been programmed. Otherwise, it has been
programmed and the device is permanently write protected
at the first half of the array.
Figure 2. Device Address
Figure 3. Byte Write
Figure 4. Page Write
Figure 5. Current Address Read


Similar Part No. - AT34C02-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02-10PU-1.8 ATMEL-AT34C02-10PU-1.8 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C02-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com