Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4311T-L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4311T-L
Description  Resistor Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4311T-L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4311T-L Datasheet HTML 1Page - Bourns Electronic Solutions 4311T-L Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 2 of 2
MATERIAL DECLARATION SHEET
Important Remarks:
1. Traces are product parts substances etc. that are below a percentage of 0.1% of total weight.
2. A list of the legally regulated substances or materials is available at internet address http://www.eicta.org/content.asp?pageID=113
3. Substances, materials etc. with possible harm to men and environment are listed.
4. There are no risks for human beings and to the environment if products are used properly as designated. This shall not apply to risks caused
during procedures for disposal etc.
5. All statements herein are based on our present knowledge.
Contact person
Cathy Godfrey
Bourns location
Riverside, CA
Phone
Ext. 5008
Fax
e-mail
Cathy_Godfrey@bourns.com
Bourns , Inc.
1200 Columbia Ave.
Riverside, CA 92507
USA
phone: 909 781-5690
fax:
909 781-5273


Similar Part No. - 4311T-L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4311T-101-2222BA BOURNS-4311T-101-2222BA Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BAAL BOURNS-4311T-101-2222BAAL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BABL BOURNS-4311T-101-2222BABL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BADL BOURNS-4311T-101-2222BADL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4311T-101-2222BAL BOURNS-4311T-101-2222BAL Datasheet
186Kb / 2P
   Thin Film Molded SIP
More results

Similar Description - 4311T-L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
4310S-L BOURNS-4310S-L Datasheet
30Kb / 2P
   Resistor Network
4304S-L BOURNS-4304S-L Datasheet
36Kb / 2P
   Resistor Network
4820T-L BOURNS-4820T-L Datasheet
29Kb / 2P
   Resistor Network
4309T-L BOURNS-4309T-L Datasheet
30Kb / 2P
   Resistor Network
4306K-L BOURNS-4306K-L Datasheet
30Kb / 2P
   Resistor Network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com