Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43311 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43311
Description  USB Hub
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43311 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43311 Datasheet HTML 1Page - ATMEL Corporation AT43311 Datasheet HTML 2Page - ATMEL Corporation AT43311 Datasheet HTML 3Page - ATMEL Corporation AT43311 Datasheet HTML 4Page - ATMEL Corporation AT43311 Datasheet HTML 5Page - ATMEL Corporation AT43311 Datasheet HTML 6Page - ATMEL Corporation AT43311 Datasheet HTML 7Page - ATMEL Corporation AT43311 Datasheet HTML 8Page - ATMEL Corporation AT43311 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AT43311
1
Features
Self-Powered Hub with Bus Power Controller
Full Compliance with USB Spec Rev 1.0
Full Speed USB Host Interface
Four Downstream Ports
Downstream Support for Full Speed and Low Speed Transfer Rates
Continual Monitoring of Port by System Host
Individual Port Power Control
USB Connection Status Indicators
6 MHz Oscillator with On-Chip PLL
Description
The AT43311 is a fully compliant USB hub chip with 5 ports, one upstream port and
four full/low-speed downstream ports. The AT43311 can be used as a stand alone or
can provide a simple and quick method of adding USB ports to an existing device.
As a repeater, the AT43311 provides upstream connectivity between the selected
function and the host. Connectivity involves setting up and tearing down connections,
handling bus faults, recovering from bus faults and detecting downstream device con-
nections and disconnections.
The AT43311 may also act as a hub controller managing the hub operations and
recording the status of the hub, bus transactions, and downstream ports. In this mode,
the AT43311 tracks and generates the bus enumeration, provides configuration infor-
mation to the host, provides individual port status to the host, and controls the port
operation based on host commands.
0738A-A
USB Hub
AT43311
Preliminary
Pin Configurations
SOIC/DIP/Cerdip
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PWR2
PWR3
PWR4
VCC5
VSS
OSC1
OSC2
LFT
VCCA
OVL4
OVL3
OVL2
OVL1
VREF
GND
STAT4
PWR1
DP4
DM4
DP3
DM3
GND
DP2
DM2
VCC3
DP1
XDM1
DP0
DM0
STAT1
STAT2
STAT3


Similar Part No. - AT43311

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43310 ATMEL-AT43310 Datasheet
247Kb / 25P
   USB Hub
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
   Self- and Bus- Powered USB Hub Controller
AT43312A ATMEL-AT43312A Datasheet
206Kb / 27P
   Self and buspowered USB Hub Controller
AT43312A ATMEL-AT43312A Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
AT43312A-AC ATMEL-AT43312A-AC Datasheet
206Kb / 27P
   Self and buspowered USB Hub Controller
More results

Similar Description - AT43311

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43310 ATMEL-AT43310 Datasheet
247Kb / 25P
   USB Hub
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
Glenair, Inc.
808-086 GLENAIR-808-086 Datasheet
193Kb / 1P
   USB Cordset Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
   USB MultiSwitch Hub
07/14/15
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
   USB MultiSwitch Hub
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
SMSC Corporation
USB2524 SMSC-USB2524_07 Datasheet
927Kb / 57P
   USB MultiSwitchTM Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com