Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV020-25JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT29LV020-25JC
Description  2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV020-25JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT29LV020-25JC Datasheet HTML 1Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 2Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 3Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 4Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 5Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 6Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 7Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 8Page - ATMEL Corporation AT29LV020-25JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1. After power is applied and VCC is at the minimum specified data sheet value, the system should wait 20 ms before an operational
mode is started.
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program (2)
VIL
VIH
VIL
Ai
DIN
Standby/Write Inhibit
VIH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A17 = VIL, A9 = VH
(3),
A0 = VIL
Manufacturer Code (4)
A1 - A17 = VIL, A9 = VH
(3),
A0 = VIH
Device Code (4)
Software (5)
A0 = VIL
Manufacturer Code (4)
A0 = VIH
Device Code (4)
4. Manufacturer Code: 1F, Device Code: BA.
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
1
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
20
µA
Ind.
50
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
1mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA; VCC = 3.6V
15
mA
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 3.0V
.45
V
VOH
Output High Voltage
IOH = -100
µA; VCC = 3.0V
2.4
V
DC and AC Operating Range
AT29LV020-20
AT29LV020-25
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C
VCC Power Supply
(1)
3.3V
± 0.3V
3.3V
± 0.3V
BOOT BLOCK LOCKOUT DETECTION:
A software
method is available to determine whether programming of
either boot block section is locked out. See Software Prod-
uct Identification Entry and Exit sections. When the device
is in the software product identification mode, a read from
location 00002H will show if programming the lower ad-
dress boot block is locked out while reading location
FFFF2H will do so for the upper boot block. If the data is
FE, the corresponding block can be programmed; if the
data is FF, the program lockout feature has been activated
and the corresponding block cannot be programmed. The
software product identification exit mode should be used
to return to standard operation.
Device Operation (Continued)
4-76
AT29LV020


Similar Part No. - AT29LV020-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020-20JU ATMEL-AT29LV020-20JU Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29LV020-20TU ATMEL-AT29LV020-20TU Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV020-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com