Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR4525N7R50JE Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PWR4525N7R50JE
Description  Surface Mount Wirewound Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR4525N7R50JE Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PWR4525N7R50JE Datasheet HTML 1Page - Bourns Electronic Solutions PWR4525N7R50JE Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PWR1913/PWR2615/PWR4525/PWR6327 Surface Mount Wirewound Power Resistors
Product Dimensions
How to Order
PWR4525 W 7R50 J E
Model
PWR1913
PWR4525
PWR2615
PWR6327
Type
W = Wirewound Inductive
N = Wirewound Non-Inductive
(Not available for PWR1913)
Resistor Value for all Tolerances
<100 ohms ....“R” represents decimal
point (examples: 7R50 =
7.5
Ω; R050 = 0.050 Ω)
≥100 ohms ....First three digits are
significant, fourth digit rep-
resents number of zeros
to follow (examples: 2000
= 200
Ω; 2002 = 20K Ω)
Absolute Tolerance*
J = ±5 %
F = ±1 %
Packaging
E = Tape & Reel
___ = Bulk
*Tolerances as low as 0.01 % available on
resistance values greater than 100 ohms.
Consult factory.
A
C
F
E DIA.
B
D
Recommended Pad Layout
L
H
W
DIMENSIONS:
MM
(INCHES)
Model
A
±0.4
(±0.015)
B
±0.4
(±0.015)
C
±0.4
(±0.015)
D
±0.4
(±0.015)
F
±0.4
(±0.015)
Lead
Thickness
±0.05
(±0.002)
E
±0.4
(±0.015)
Height
±0.13
(±0.005)
W
±0.4
(±0.015)
H
±0.4
(±0.015)
L
±0.4
(±0.015)
PWR1913
4.8
(0.190)
3.3
(0.130)
2.8
(0.110)
1.5
(0.060)
1.0
(0.040)
0.15
(0.006)
2.5
(0.100)
0.13
(0.005)
1.6
(0.062)
2.5
(0.100)
6.4
(0.250)
PWR2615
6.6
(0.260)
3.9
(0.155)
3.2
(0.125)
1.8
(0.070)
1.8
(0.070)
0.15
(0.006)
3.0
(0.120)
0.13
(0.005)
2.4
(0.096)
2.8
(0.112)
8.6
(0.337)
PWR4525
11.4
(0.450)
6.4
(0.250)
4.6
(0.180)
3.0
(0.120)
2.5
(0.100)
0.15
(0.006)
4.8
(0.190)
0.13
(0.005)
3.9
(0.155)
5.8
(0.230)
13.7
(0.540)
PWR6327
15.9
(0.625)
6.9
(0.270)
6.4
(0.250)
3.0
(0.120)
3.4
(0.135)
0.15
(0.006)
2.8
(0.110)
0.13
(0.005)
5.1
(0.200)
3.8
(0.150)
17.8
(0.700)
Packaging Specifications
Typical Part Marking
Model
Tape
Pieces
per Reel
Bulk Pkg.
Quantity
PWR1913
12 mm / Embossed Plastic
3000
250 pcs.
PWR2615
16 mm / Embossed Plastic
2000
250 pcs.
PWR4525
24 mm / Embossed Plastic
1000
250 pcs.
PWR6327
28 mm / Embossed Plastic
700
250 pcs.
Note:
PWR1913 will contain only the
Resistance Code on the top line and
the Resistance Tolerance on the bottom
line. PWR2615 will not contain the
Manufacturer’s Trademark.
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
REV. 01/11
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE
005
J
YYWW
DATE CODE
RESISTANCE
TOLERANCE


Similar Part No. - PWR4525N7R50JE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
More results

Similar Description - PWR4525N7R50JE

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
   Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-470RF1 RIEDON-S5-470RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com