Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR263S-35-10R0FE Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PWR263S-35-10R0FE
Description  Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR263S-35-10R0FE Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PWR263S-35-10R0FE Datasheet HTML 1Page - Bourns Electronic Solutions PWR263S-35-10R0FE Datasheet HTML 2Page - Bourns Electronic Solutions PWR263S-35-10R0FE Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
PWR263S-35 Series Power Resistor
DIMENSIONS:
MM
(INCHES)
Soldering Profile
Power dissipation is 3.5 W at an ambient temperature of 25 ˚C when mounted on a
double-sided copper board using FR4 standard, 70 µm of copper, 39 x 30 x 1.6 mm.
Product Dimensions
7.8
(0.307)
10.1
(0.398)
5.08
(0.20)
1.3
(.051)
1.4
(0.055)
1.92
(0.076)
0.25
(0.010)
48 °
1.6
(0.063)
15.39
(0.606)
8.8
(0.347)
10.4
(0.409)
REF.
3.1
(0.122)
4.5
(0.177)
TOLERANCE:
±0.38
UNLESS OTHERWISE NOTED
(±0.015)
LEAD
0.102
MAX AT MOUNTING
COPLANARITY: (0.004) SURFACE
Recommended Pad Layout
PWR 263 S - 35 - 10R0 F E
Model
PWR = Power
Resistor
Package
263 = D2PAK
Pin Style
S = Surface Mount
Power
35 = 35 W
Resistance Value
<100 ohms ... “R” represents decimal
point (examples: 7R50 =
7.5
Ω; R500 = 0.5 Ω)
≥100 ohms.... First three digits are
significant, fourth digit
represents number of
zeros to follow (exam-
ples: 2000 = 200 ohms;
3002 = 30K ohms)
Absolute Tolerance
J = 5 %
F = 1 %
Packaging
E = Tape & Reel
Blank = Tubes
How to Order
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
245 °C
Maximum of 20 seconds between
+245 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
8.0
(.315)
11.0
(.433)
2.4
(0.095)
0.26
(0.10)
4.23
(0.166)
4.02
(0.158)
10.52
(0.414)
2.25
(0.089)
Typical Part Marking
263 35
XXXX
X%
YYY
COSTA RICA
MODEL
NUMBER
TOLERANCE
DATE CODE
COUNTRY
OF ORIGIN
RESISTANCE
CODE
MANUFACTURER'S
TRADEMARK


Similar Part No. - PWR263S-35-10R0FE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR263S-35-10R0FE BOURNS-PWR263S-35-10R0FE Datasheet
441Kb / 3P
   Power Resistor
More results

Similar Description - PWR263S-35-10R0FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F_11 Datasheet
664Kb / 3P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F Datasheet
314Kb / 3P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
   Power Resistor
PWR220T-20 BOURNS-PWR220T-20 Datasheet
242Kb / 2P
   Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com