Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL5050-562MEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XAL5050-562MEB
Description  Shielded Power Inductors ??XAL50xx
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL5050-562MEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  XAL5050-562MEB Datasheet HTML 1Page - Coilcraft lnc. XAL5050-562MEB Datasheet HTML 2Page - Coilcraft lnc. XAL5050-562MEB Datasheet HTML 3Page - Coilcraft lnc. XAL5050-562MEB Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
Shielded Power Inductors–XAL50xx
Document 908-1
Document 908-1 Revised 07/26/12
Designer’s Kit C445 contains 3 of each value
Core material Composite
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver (96.5/3.5) over copper
Other terminations available at additional cost.
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +165°C with derated current.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging
XAL5030 400/7
″ reel; 1500/13″ reel Plastic tape: 16 mm wide,
0.3 mm thick, 12 mm pocket spacing, 3.18 mm pocket depth
XAL5050 250/7
″ reel; 750/13″ reel Plastic tape: 16 mm wide,
0.3 mm thick, 12 mm pocket spacing, 5.21 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Highcurrent;verylowDCR;softsaturation
• AEC-200Grade1qualified(–40°Cto+125°Cambient)
Inductance2
DCR (mOhms)3
SRF typ4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
(A)
20°C rise 40°C rise
XAL5030-161ME_
0.16
2.15
2.36
183
31.0
14.2
22.2
XAL5030-331ME_
0.33
3.20
3.52
108
26.0
13.8
19.2
XAL5030-601ME_
0.60
4.11
4.52
75
19.8
13.6
17.7
XAL5030-801ME_
0.80
5.14
5.65
63
18.5
10.0
13.0
XAL5030-122ME_
1.2
8.50
9.40
61
12.5
8.7
11.1
XAL5030-222ME_
2.2
13.20
14.50
38
9.2
7.2
9.7
XAL5030-332ME_
3.3
21.20
23.30
28
8.7
5.9
8.1
XAL5030-472ME_
4.7
32.70
36.00
23
6.7
4.3
5.9
XAL5050-562ME_
5.6
23.45
25.80
25
6.3
5.3
7.2
XAL5050-682ME_
6.8
26.75
29.45
21
6.0
4.7
6.4
XAL5050-822ME_
8.2
31.75
34.95
18
5.6
4.5
6.1
XAL5050-103ME_
10
40.90
45.00
15
4.9
3.6
4.9
XAL5050-153ME_
15
69.70
76.70
13
3.7
2.9
3.9
XAL5050-223ME_
22
90.60
99.65
11
3.6
2.5
3.4
1. When ordering, please specify
packaging code:
XAL5030-472MEC
Packaging: C = 7
″ machine-ready reel. EIA-481embossedplastictape.
B =Lessthanfullreel.Intape,butnotmachineready.Tohavealeaderandtraileradded
($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481embossedplastictape.Factoryorderonly,notstocked
2.Inductancetestedat100kHz,0.1Vrms,0Adc.
3. DCR measured on a micro-ohmmeter.
4. SRFmeasuredusingAgilent/HP4395Aorequivalent.
5. DC current at which the inductance drops 30% (typ) from its value without current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
7. Electricalspecificationsat25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Irms Testing
Irms testing was performed on
0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
tracesize,andproximityto
other components. Therefore
temperature rise should be
verifiedinapplicationconditions.


Similar Part No. - XAL5050-562MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL5050-562MEB COILCRAFT-XAL5050-562MEB Datasheet
244Kb / 4P
   Shielded Power Inductors
More results

Similar Description - XAL5050-562MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL5050-103MEC COILCRAFT-XAL5050-103MEC Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
XAL5030-222MEC COILCRAFT-XAL5030-222MEC Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com