Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C020-12PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT29C020-12PI
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C020-12PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT29C020-12PI Datasheet HTML 3Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 4Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 5Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 6Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 7Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 8Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 9Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 10Page - ATMEL Corporation AT29C020-12PI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
0291S–FLASH–11/08
AT29C020
11. Input Test Waveforms and Measurement Level
12. Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
t
R, tF < 5 ns
13. Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT29C020-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020-70JU ATMEL-AT29C020-70JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70TU ATMEL-AT29C020-70TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90JU ATMEL-AT29C020-90JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90TU ATMEL-AT29C020-90TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT29C020-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com