Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV512-15JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT29LV512-15JC
Description  512K 64K x 8 3-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV512-15JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT29LV512-15JC Datasheet HTML 2Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 3Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 4Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 5Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 6Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 7Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 8Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 9Page - ATMEL Corporation AT29LV512-15JC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
15
0.02
AT29LV512-15JC
32J
Commercial
AT29LV512-15TC
32T
(0
° to 70°C)
15
0.05
AT29LV512-15JI
32J
Industrial
AT29LV512-15TI
32T
(-40
° to 85°C)
200
15
0.02
AT29LV512-20JC
32J
Commercial
AT29LV512-20TC
32T
(0
° to 70°C)
15
0.05
AT29LV512-20JI
32J
Industrial
AT29LV512-20TI
32T
(-40
° to 85°C)
250
15
0.02
AT29LV512-25JC
32J
Commercial
AT29LV512-25TC
32T
(0
° to 70°C)
15
0.05
AT29LV512-25JI
32J
Industrial
AT29LV512-25TI
32T
(-40
° to 85°C)
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
32T
32 Lead, Thin Small Outline Package (TSOP)
4-52
AT29LV512


Similar Part No. - AT29LV512-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV512-12JU ATMEL-AT29LV512-12JU Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29LV512-12TU ATMEL-AT29LV512-12TU Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV512-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com