Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C256R Datasheet(PDF) 9 Page - ATMEL Corporation

Part # 27C256R
Description  256K 32K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C256R Datasheet(HTML) 9 Page - ATMEL Corporation

  27C256R Datasheet HTML 1Page - ATMEL Corporation 27C256R Datasheet HTML 2Page - ATMEL Corporation 27C256R Datasheet HTML 3Page - ATMEL Corporation 27C256R Datasheet HTML 4Page - ATMEL Corporation 27C256R Datasheet HTML 5Page - ATMEL Corporation 27C256R Datasheet HTML 6Page - ATMEL Corporation 27C256R Datasheet HTML 7Page - ATMEL Corporation 27C256R Datasheet HTML 8Page - ATMEL Corporation 27C256R Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
28P6
28 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28R
28 Lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28 Lead, Plastic Thin Small Outline Package (TSOP)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
20
0.1
AT27C256R-15JC
32J
Commercial
AT27C256R-15PC
28P6
(0
°C to 70°C)
AT27C256R-15RC
28R
AT27C256R-15TC
28T
20
0.1
AT27C256R-15JI
32J
Industrial
AT27C256R-15PI
28P6
(-40
°C to 85°C)
AT27C256R-15RI
28R
AT27C256R-15TI
28T
Ordering Information (Continued)
AT27C256R
3-133


Similar Part No. - 27C256R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Intel Corporation
27C256 INTEL-27C256 Datasheet
1Mb / 10P
   64K(8K x 8) UV ERASABLE PROMs
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Macronix International
27C256-10 MCNIX-27C256-10 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
More results

Similar Description - 27C256R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com