Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP73F1J100RATG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RP73F1J100RATG
Description  SMD High Power Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RP73F1J100RATG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RP73F1J100RATG Datasheet HTML 1Page - List of Unclassifed Manufacturers RP73F1J100RATG Datasheet HTML 2Page - List of Unclassifed Manufacturers RP73F1J100RATG Datasheet HTML 3Page - List of Unclassifed Manufacturers RP73F1J100RATG Datasheet HTML 4Page - List of Unclassifed Manufacturers RP73F1J100RATG Datasheet HTML 5Page - List of Unclassifed Manufacturers RP73F1J100RATG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
n
High precision -
tolerances down to
0.05%
n
Low TCR - down to 5ppm/°C
n
Stable high frequency
performance
n
Operating temperature
-55°C to +155°C
n
Increased power rating -
up to 1.0W
n
Up to 200V DC operating
voltage
n
Range of packaging options
n
Terminal finish -
electroplated 100% matte Sn
Applications
n
Communications
n
Instrumentation
n
Industrial Controls
n
Medical
Characteristics - Electrical - RP73 Series - Standard
The RP73 resistor series is a stable thin film chip resistor range offering increased power
dissipation, higher temperature capabilities and increased working voltages compared to the
standard RN73 series. The resistor is produced by sputtering a metal film onto high grade
alumina and protecting with three complete printed layers. Values are normally offered in E96
and E24 series. The RP73 resistor has accurate and uniform physical dimensions to reduce
placement problems.
0402
0603
Rated Power @ 70°C:
0.063W
0.1W
Resistance Range (Ohms) Min: 49R9 49R9 49R9 49R9 49R9 49R9 10R 49R9 49R9 10R 24R9
4R7
24R9 4R7 4R7 24R9 4R7 4R7
Max: 5K0 15K 100K 5K0 15K
70K 255K 5K0
15K 255K 15K
332K
15K 332K 1M0 15K 332K 1M0
Tolerance (%):
0.05
0.1
0.5 / 1
0.05
0.1
0.5 / 1
Code Letter:
AB
D / F
AB
D / F
Selection Series:
E24 & E96
E24 & E96
Temp. Coefficient (ppm/°C):
5
10 15 25 50
5
10
15
25 50
5
10 15 25 50
5
10 15 2550
5
10 15 25 50
5
1015 25 50
Code Letter:
AC D F G
A
C
D
F G
A
C D F G
A
C D F G
A
C D F G
A
C D F G
Limiting Element Voltage:
25V
75V
Max. Overload Voltage:
50V
150V
Operating Temp. Range:
-55 to +155°C
-55 to +155°C
Climatic Category (°C):
55/125/55
55/125/55
Insulation Resistance Dry Min:
1000MΩ
1000MΩ
Stability:
0.5%
0.5%
0805
1206
Rated Power @ 70°C:
0.125W
0.25W
Resistance Range (Ohms) Min: 24R9
4R7
24R9 4R7
4R7
24R9 4R7 4R7 1R0
24R9
4R7
Max: 30K
511K
30K 511K 1M0
30K 511K 1M0 1M0
50K
1M0
Tolerance (%):
0.05
0.1
0.5 / 1
0.05 / 0.1 / 0.5 / 1
Code letter:
AB
D / F
A / B / D / F
Selection Series:
E24 & E96
E24 & E96
Temp. Coefficient (ppm/°C):
5
10 15 25 50
5
10 15 25 50
5
10
15
25 50
5
10
15
25
50
Code Letter:
AC D F G
A
C
D F G
A
C
D
F G
A
C
D
F
G
Limiting Element Voltage:
150V
200V
Max. Overload Voltage:
300V
400V
Operating Temp. Range:
-55 to +155°C
-55 to +155°C
Climatic Category (°C):
55/125/55
55/125/55
Insulation Resistance Dry Min:
1000MΩ
1000MΩ
Stability:
0.5%
0.5%
SMD High Power Precision Resistors
Type RP73 Series
1773272 CIS WR 04/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - RP73F1J100RATG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP73F1J100RATG ETC2-RP73F1J100RATG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RP73F1J100RATG ETC2-RP73F1J100RATG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RP73F1J100RATG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com