Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28HC64B-90SI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28HC64B-90SI
Description  64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B-90SI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28HC64B-90SI Datasheet HTML 1Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 2Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 3Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 4Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 5Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 6Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 7Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 8Page - ATMEL Corporation AT28HC64B-90SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1V
Com., Ind.
100
(1)
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1V
2
(1)
mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
40
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.40
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Note:
1. ISB1 and ISB2 for the 55 ns part is 40 mA maximum.
DC Characteristics
AT28HC64B-55
AT28HC64B-70
AT28HC64B-90
AT28HC64B-120
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and AC Operating Range
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write (2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X
(1)
X
High Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Chip Erase
VIL
VH
(3)
VIL
High Z
Notes: 1. X can be VIL or VIH.
2. Refer to the
AC Write Waveforms diagrams
in this data sheet.
Operating Modes
3. VH = 12.0V
± 0.5V.
DEVICE IDENTIFICATION: An extr a 64- b y te s o f
EEPROM memory are available to the user for device
identification. By raising A9 to 12V
± 0.5V and using ad-
dress locations 1FC0H to 1FFFH, the additional bytes
may be written to or read from in the same manner as the
regular memory array.
Device Operation (Continued)
2-270
AT28HC64B


Similar Part No. - AT28HC64B-90SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B-90SI ATMEL-AT28HC64B-90SI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28HC64B-90SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28LV64B ATMEL-AT28LV64B Datasheet
484Kb / 9P
   64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com