Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29LV040A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT29LV040A
Description  4 Megabit 512K x 8 3-volt Only 256 Byte Sector CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV040A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29LV040A Datasheet HTML 1Page - ATMEL Corporation AT29LV040A Datasheet HTML 2Page - ATMEL Corporation AT29LV040A Datasheet HTML 3Page - ATMEL Corporation AT29LV040A Datasheet HTML 4Page - ATMEL Corporation AT29LV040A Datasheet HTML 5Page - ATMEL Corporation AT29LV040A Datasheet HTML 6Page - ATMEL Corporation AT29LV040A Datasheet HTML 7Page - ATMEL Corporation AT29LV040A Datasheet HTML 8Page - ATMEL Corporation AT29LV040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4 Megabit
(512K x 8)
3-volt Only
256 Byte Sector
CMOS Flash
Memory
Features
Single Voltage, Range 3V to 3.6V Supply
3-Volt-Only Read and Write Operation
Software Protected Programming
Fast Read Access Time - 200 ns
Low Power Dissipation
15 mA Active Current
20
µA CMOS Standby Current
Sector Program Operation
Single Cycle Reprogram (Erase and Program)
2048 Sectors (256 bytes/sector)
Internal Address and Data Latches for 256-Bytes
Two 16 KB Boot Blocks with Lockout
Fast Sector Program Cycle Time - 20 ms Max.
Internal Program Control and Timer
DATA Polling for End of Program Detection
Typical Endurance > 10,000 Cycles
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29LV040A is a 3-volt-only in-system Flash Programmable and Erasable Read
Only Memory (PEROM). Its 4 megabits of memory is organized as 524,288 words by
8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technology,
the device offers access times up to 200 ns, and a low 54 mW power dissipation.
When the device is deselected, the CMOS standby current is less than 20
µA. The
device endurance is such that any sector can typically be written to in excess of
10,000 times. The programming algorithm is compatible with other devices in Atmel’s
3-volt-only Flash memories.
To allow for simple in-system reprogrammability, the AT29LV040A does not require
high input voltages for programming. Three-volt-only commands determine the opera-
tion of the device. Reading data out of the device is similar to reading from an EPROM.
Reprogramming the AT29LV040A is performed on a sector basis; 256-bytes of data
are loaded into the device and then simultaneously programmed.
During a reprogram cycle, the address locations and 256-bytes of data are captured
at microprocessor speed and internally latched, freeing the address and data bus for
other operations. Following the initiation of a program cycle, the device will automat-
ically erase the sector and then program the latched data using an internal control
timer. The end of a program cycle can be detected by DATA polling of I/O7. Once the
end of a program cycle has been detected, a new access for a read or program can
begin.
AT29LV040A
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
TSOP Top View
Type 1
0334C
AT29LV040A
4-83


Similar Part No. - AT29LV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV040A ATMEL-AT29LV040A Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JU ATMEL-AT29LV040A-15JU Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15TU ATMEL-AT29LV040A-15TU Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
More results

Similar Description - AT29LV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
   4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com