Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28LV256-25SC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT28LV256-25SC
Description  256K 32K x 8 Low Voltage CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28LV256-25SC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT28LV256-25SC Datasheet HTML 2Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 3Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 4Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 5Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 6Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 7Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 8Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 9Page - ATMEL Corporation AT28LV256-25SC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
200
80
0.2
AT28LV256-20JC
32J
Commercial
AT28LV256-20PC
28P6
(0
°C to 70°C)
AT28LV256-20SC
28S
AT28LV256-20TC
28T
80
0.2
AT28LV256-20JI
32J
Industrial
AT28LV256-20PI
28P6
(-40
°C to 85°C)
AT28LV256-20SI
28S
AT28LV256-20TI
28T
250
80
0.2
AT28LV256-25JC
32J
Commercial
AT28LV256-25PC
28P6
(0
°C to 70°C)
AT28LV256-25SC
28S
AT28LV256-25TC
28T
80
0.2
AT28LV256-25JI
32J
Industrial
AT28LV256-25PI
28P6
(-40
°C to 85°C)
AT28LV256-25SI
28S
AT28LV256-25TI
28T
Note:
1. See Valid Part Number table below.
Ordering Information
(1)
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
28P6
28 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28S
28 Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28 Lead, Plastic Thin Small Outline Package (TSOP)
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28LV256
20
JC, JI, PC, PI, SC, SI, TC, TI
AT28LV256
25
JC, JI, PC, PI, SC, SI, TC, TI
Valid Part Numbers
2-154
AT28LV256


Similar Part No. - AT28LV256-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28LV010-20 ATMEL-AT28LV010-20 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV010-20JC ATMEL-AT28LV010-20JC Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV010-20JI ATMEL-AT28LV010-20JI Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results

Similar Description - AT28LV256-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com