Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28LV010-25TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28LV010-25TI
Description  1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28LV010-25TI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28LV010-25TI Datasheet HTML 1Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 2Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 3Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 4Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 5Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 6Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 7Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 8Page - ATMEL Corporation AT28LV010-25TI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AT28LV010
1 Megabit
(128K x 8)
Low Voltage
Paged CMOS
E
2PROM
Features
Single 3.3V ± 10% Supply
Fast Read Access Time - 200 ns
Automatic Page Write Operation
Internal Address and Data Latches for 128-Bytes
Internal Control Timer
Fast Write Cycle Time
Page Write Cycle Time - 10 ms Maximum
1 to 128-Byte Page Write Operation
Low Power Dissipation
15 mA Active Current
20
µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
Endurance: 100,000K Cycles
Data Retention: 10 Years
JEDEC Approved Byte-Wide Pinout
Commercial and Industrial Temperature Ranges
Description
The AT28LV010 is a high-performance 3-volt only Electrically Erasable and Program-
mable Read Only Memory. Its 1 megabit of memory is organized as 131,072 words
by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the
device offers access times to 200 ns with power dissipation of just 54 mW. When the
device is deselected, the CMOS standby current is less than 20
µA.
(continued)
PDIP
Top View
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data
Inputs/Outputs
NC
No Connect
DC
Don’t Connect
Pin Configurations
TSOP
Top View
PLCC
Top View
0395A
AT28LV010
2-155


Similar Part No. - AT28LV010-25TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV010-25TI ATMEL-AT28LV010-25TI Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results

Similar Description - AT28LV010-25TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com