Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28LV256-25PC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28LV256-25PC
Description  256K 32K x 8 Low Voltage CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28LV256-25PC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28LV256-25PC Datasheet HTML 1Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 2Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 3Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 4Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 5Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 6Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 7Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 8Page - ATMEL Corporation AT28LV256-25PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Device Operation
READ: The AT28LV256 is accessed like a Static RAM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in the high
impedance state when either CE or OE is high. This dual-
line control gives designers flexibility in preventing bus
contention in their system.
BYTE WRITE: A low pulse on the WE or CE input with CE
or WE low (respectively) and OE high initiates a write cy-
cle. The address is latched on the falling edge of CE or
WE, whichever occurs last. The data is latched by the first
rising edge of CE or WE. Once a byte write has been
started it will automatically time itself to completion. Once
a programming operation has been initiated and for the
duration of tWC, a read operation will effectively be a poll-
ing operation.
PAGE WRITE: The p a g e wr i t e oper ation of the
AT28LV256 allows 1 to 64-bytes of data to be written into
the device during a single internal programming period. A
page write operation is initiated in the same manner as a
byte write; the first byte written can then be followed by 1
to 63 additional bytes. Each successive byte must be writ-
ten within 150
µs (tBLC) of the previous byte. If the tBLC
limit is exceeded the AT28LV256 will cease accepting
data and commence the internal programming operation.
All bytes during a page write operation must reside on the
same page as defined by the state of the A6 - A14 inputs.
For each WE high to low transition during the page write
operation, A6 - A14 must be the same.
The A0 to A5 inputs are used to specify which bytes within
the page are to be written. The bytes may be loaded in any
order and may be altered within the same load period.
Only bytes which are specified for writing will be written;
unnecessary cycling of other bytes within the page does
not occur.
DATA POLLING: The AT28LV256 features DATA Polling
to indicate the end of a write cycle. During a byte or page
write cycle an attempted read of the last byte written will
result in the complement of the written data to be pre-
sented on I/O7. Once the write cycle has been completed,
true data is valid on all outputs, and the next write cycle
may begin. DATA Polling may begin at anytime during the
write cycle.
TOGGLE BIT: In addition to DATA Polling the AT28LV256
provides another method for determining the end of a write
cycle. During the write operation, successive attempts to
read data from the device will result in I/O6 toggling be-
tween one and zero. Once the write has completed, I/O6
will stop toggling and valid data will be read. Reading the
toggle bit may begin at any time during the write cycle.
DATA PROTECTION: If precautions are not taken, inad-
vertent writes may occur during transitions of the host sys-
tem power supply. Atmel has incorporated both hardware
and software features that will protect the memory against
inadvertent writes.
HARDWARE PROTECTION: Hardware features protect
against inadvertent writes to the AT28LV256 in the follow-
ing ways: (a) VCC power-on delay - once VCC has reached
1.8V (typical) the device will automatically time out 10 ms
(typical) before allowing a write: (b) write inhibit - holding
any one of OE low, CE high or WE high inhibits write cy-
cles; (c) noise filter - pulses of less than 15 ns (typical) on
the WE or CE inputs will not initiate a write cycle.
SOFTWARE DATA PROTECTION: A software-control-
led data protection feature has been implemented on the
AT28LV256. Software data protection (SDP) helps pre-
vent inadvertent writes from corrupting the data in the de-
vice. SDP can prevent inadvertent writes during power-up
and power-down as well as any other potential periods of
system instability.
The AT28LV256 can only be written using the software
data protection feature. A series of three write commands
to specific addresses with specific data must be presented
to the device before writing in the byte or page mode. The
same three write commands must begin each write opera-
tion. All software write commands must obey the page
mode write timing specifications. The data in the 3-byte
command sequence is not written to the device; the ad-
dress in the command sequence can be utilized just like
any other location in the device.
Any attempt to write to the device without the 3-byte se-
quence will start the internal write timers. No data will be
written to the device; however, for the duration of tWC,
read operations will effectively be polling operations.
DEVICE IDENTIFICATION: A n ex t r a 64- bytes of
E2PROM memory are available to the user for device
identification. By raising A9 to 12V
± 0.5V and using ad-
dress locations 7FC0H to 7FFFH the additional bytes may
be written to or read from in the same manner as the regu-
lar memory array.
AT28LV256
2-147


Similar Part No. - AT28LV256-25PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28LV010-20 ATMEL-AT28LV010-20 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV010-20JC ATMEL-AT28LV010-20JC Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV010-20JI ATMEL-AT28LV010-20JI Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results

Similar Description - AT28LV256-25PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com