Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C512R-12TC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27C512R-12TC
Description  512K 64K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-12TC Datasheet(HTML) 8 Page - ATMEL Corporation

  AT27C512R-12TC Datasheet HTML 1Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 2Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 3Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 4Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 5Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 6Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 7Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 8Page - ATMEL Corporation AT27C512R-12TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
0015O–EPROM–12/07
AT27C512R
Notes:
1. V
CC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer
driven – see timing diagram.
3. Program Pulse width tolerance is 100 µsec ± 5%.
16. AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
tAS
Address Setup Time
Input Rise and Fall Times
(10% to 90%) 20 ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
2µs
t
OES
OE/V
PP Setup Time
2
µs
tOEH
OE/VPP Hold Time
2
µs
tDS
Data Setup Time
2
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
CE High to Output Float Delay(2)
0130
ns
t
VCS
V
CC Setup Time
2
µs
tPW
CE Program Pulse Width(3)
95
105
µs
tDV
Data Valid from CE(2)
1µs
t
VR
OE/V
PP Recovery Time
2
µs
t
PRT
OE/VPP Pulse Rise Time During
Programming
50
ns
17. Atmel’s AT27C512R Integrated Product Identification Code
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
00
001
11
10
1E
Device Type
10
000
11
01
0D


Similar Part No. - AT27C512R-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45JU ATMEL-AT27C512R-45JU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
AT27C512R-45PI ATMEL-AT27C512R-45PI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-45PU ATMEL-AT27C512R-45PU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
AT27C512R-45RI ATMEL-AT27C512R-45RI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results

Similar Description - AT27C512R-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com