Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114-TM Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTA114-TM
Description  PNP Digital Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA114-TM Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTA114-TM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA114-TM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTA114 TM/TE/TUA/TCA/TSA
PNP Digital Transistor
A
C
Min
Max
Min
Max
Min
Max
Min
Max
2.80
3.00
0.11
0.12
1.90
2.10
0.07
0.08
1.20
1.40
0.05
0.06
1.15
1.35
0.05
0.05
0.30
0.50
0.01
0.02
0.25
0.35
0.01
0.01
1.80
2.00
0.07
0.08
1.20
1.40
0.05
0.06
2.25
2.55
0.09
0.10
2.00
2.20
0.08
0.09
0.90
1.20
0.04
0.04
0.80
1.00
0.03
0.04
A
A
C
C
Min
Max
Min
Max
Min
Max
Min
Max
1.50
1.70
0.06
0.07
1.15
1.25
0.05
0.05
0.70
0.80
0.03
0.03
0.75
0.85
0.03
0.03
0.25
0.35
0.01
0.01
0.17
0.27
0.01
0.01
0.90
1.10
0.04
0.04
1.50
1.70
0.06
0.07
1.15
1.25
0.05
0.05
0.70
0.90
0.03
0.04
0.50
0.02
A
E
BG
F
C
Min
Max
Min
Max
3.85
4.15
0.15
0.16
3.01
3.31
0.12
0.13
15.10
15.50
0.59
0.61
0.38
0.55
0.01
0.02
1.42
1.62
0.06
0.06
D
0.66
0.86
0.03
0.03
0.36
0.51
0.01
0.02
E
F
G
A
B
C
D
E
F
TO-92S
Dimensions
Unit (mm)
Unit (inch)
C
D
0.8 TYP
0.31TYP
Unit (mm)
Unit (inch)
A
B
D
E
F
SOT-723
Unit (inch)
A
B
C
Dimensions
F
SOT-523
Dimensions
Unit (mm)
0.550 REF
0.022 REF
F
G
Unit (inch)
A
B
C
Unit (inch)
A
B
C
Dimensions
Unit (mm)
SOT-323
D
E
SOT-23
Dimensions
Unit (mm)
D
E
B
D
F
E
G
B
D
F
E
B
D
F
E
B
D
F
E
C
A
Version:B12


Similar Part No. - DTA114-TM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTA114-ECA TSC-DTA114-ECA Datasheet
117Kb / 2P
   PNP Digital Transistor
DTA114-EE TSC-DTA114-EE Datasheet
117Kb / 2P
   PNP Digital Transistor
DTA114-EM TSC-DTA114-EM Datasheet
117Kb / 2P
   PNP Digital Transistor
DTA114-ESA TSC-DTA114-ESA Datasheet
117Kb / 2P
   PNP Digital Transistor
DTA114-EUA TSC-DTA114-EUA Datasheet
117Kb / 2P
   PNP Digital Transistor
More results

Similar Description - DTA114-TM

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com