Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C4096 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 27C4096
Description  4-Megabit 256K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C4096 Datasheet(HTML) 1 Page - ATMEL Corporation

  27C4096 Datasheet HTML 1Page - ATMEL Corporation 27C4096 Datasheet HTML 2Page - ATMEL Corporation 27C4096 Datasheet HTML 3Page - ATMEL Corporation 27C4096 Datasheet HTML 4Page - ATMEL Corporation 27C4096 Datasheet HTML 5Page - ATMEL Corporation 27C4096 Datasheet HTML 6Page - ATMEL Corporation 27C4096 Datasheet HTML 7Page - ATMEL Corporation 27C4096 Datasheet HTML 8Page - ATMEL Corporation 27C4096 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AT27C4096
1
Features
Fast Read Access Time - 55 ns
Low Power CMOS Operation
– 100
µA Maximum Standby
– 40 mA Maximum Active at 5 MHz
JEDEC Standard Packages
– 40-Lead 600 mil PDIP
– 44-Lead PLCC
– 40-Lead TSOP (10 mm x 14 mm)
Direct Upgrade from 512K bit, 1M bit, and 2M bit
(AT27C516, AT27C1024, and AT27C2048) EPROMs
5V
± 10% Power Supply
High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
RapidProgramming Algorithm - 50
µs/word (typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27C4096 is a low-power, high-performance 4,194,304-bit one-time program-
mable read only memory (OTP EPROM) organized 256K by 16 bits. It requires a sin-
gle 5V power supply in normal read mode operation. Any word can be accessed in
less than 55 ns, eliminating the need for speed-reducing WAIT states. The by-16
organization makes this part ideal for high-performance 16- and 32-bit microprocessor
systems.
TSOP Top View
Type 1
PDIP Top View
PLCC Top View
4-Megabit
(256K x 16)
OTP EPROM
AT27C4096
0311E-A–06/97
Pin Configurations
Note:
Both GND pins must be
connected.
Pin Name
Function
A0 - A17
Addresses
O0 - O15
Outputs
CE
Chip Enable
OE
Output Enable
NC
No Connect
(continued)


Similar Part No. - 27C4096

ManufacturerPart #DatasheetDescription
logo
Winbond
27C4096 WINBOND-27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
logo
Advanced Micro Devices
27C4096 AMD-27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
Macronix International
27C4096 MCNIX-27C4096 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
27C4096-10 MCNIX-27C4096-10 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
27C4096-12 MCNIX-27C4096-12 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
More results

Similar Description - 27C4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com