Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148W-GRBG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4148W-GRBG
Description  High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148W-GRBG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4148W-GRBG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148W-GRBG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148W-GRBG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SUGGESTED PAD LAYOUT
Unit (mm) Unit (inch)
Min
Min
G
2.25
0.089
X
0.90
0.035
X1
4.05
0.159
Y
0.95
0.037
Document Number:DS_S1310003
Version : A13
DIM.
1N4148W-G
Taiwan Semiconductor
Small Signal Product


Similar Part No. - 1N4148W-GRBG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Vishay Siliconix
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4148W-G VISHAY-1N4148W-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
08-Feb-17
1N4148W-GS08 VISHAY-1N4148W-GS08 Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
More results

Similar Description - 1N4148W-GRBG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
   SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
   High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
   High Speed SMD Switching Diode
1SS400CS TSC-1SS400CS_14 Datasheet
115Kb / 3P
   High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com