Electronic Components Datasheet Search |
|
1N4448WS-RR Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N4448WS-RR Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 3 page 1N4148WS/1N4448WS/1N914BWS 200mW High Speed SMD Switching Diode Small Signal Diode Fast switching device(Trr<4.0nS) Surface device type mounting Moisture sensitivity level 1 Matte Tin(Sn) lead finish with Nickel(Ni) underplate Pb free version and RoHS compliant Case : Flat lead SOD-323F small outline plastic package Min Max Min Max 1.15 1.35 0.045 0.053 2.30 2.70 0.091 0.106 0.25 0.40 0.010 0.016 1.60 1.80 0.063 0.071 0.80 1.00 0.031 0.039 0.05 0.20 0.002 0.008 Package Part No. Packing SOD-323F 1N4148WS RR 3K / 7" Reel SOD-323F 1N4448WS RR 3K / 7" Reel SOD-323F 1N914BWS RR 3K / 7" Reel SOD-323F 1N4148WS RRG 3K / 7" Reel SOD-323F 1N4448WS RRG 3K / 7" Reel SOD-323F 1N914BWS RRG 3K / 7" Reel Maximum Ratings Notes: 1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary despending on application. SOD-323 Maximum Ratings and Electrical Characteristics Features Mechanical Data Terminal: Matte tin plated, solderable per MIL-STD-202, Method 208 guaranteed Green compound (Halogen free) with suffix "G" on packing code and prefix "G" on date code High temperature soldering guaranteed: 260°C/10s mA °C/W 100 mW V °C E Value 150 500 mA 300 200 100 V Junction and Storage Temperature Range TJ, TSTG -65 to + 150 Mean Forward Current Thermal Resistance (Junction to Ambient) IO RθJA VRRM IFRM VR Power Dissipation Reverse Voltage Non-Repetitive Peak Forward Current Repetitive Peak Reverse Voltage PD Type Number Polarity : Indicated by cathode band Weight : 4.85±0.5 mg Rating at 25°C ambient temperature unless otherwise specified. Ordering Information Units Symbol S3 S1 S2 S3 Marking Suggested PAD Layout S1 S2 Unit (inch) Pin Configuration Marking Code : S1, S2, S3 Dimensions F Unit (mm) A B C D D A B C E F Version : F12 |
Similar Part No. - 1N4448WS-RR |
|
Similar Description - 1N4448WS-RR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |