Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4311T-106-2222BBAL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4311T-106-2222BBAL
Description  Thin Film Molded SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4311T-106-2222BBAL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4311T-106-2222BBAL Datasheet HTML 1Page - Bourns Electronic Solutions 4311T-106-2222BBAL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4300T, S, K Series - Thin Film Molded SIP
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
Bussed ...................49.9 to 100K ohms
Isolated ......................20 to 200K ohms
Series.........................20 to 100K ohms
Resistance Tolerance
.........................±0.1 %, ±0.5 %, ±1 %
Temperature Coefficient
..................±100 ppm/°C, ±50 ppm/°C,
±25 ppm/°C
Temperature Range ....-55 °C to +125 °C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking .........................±5 ppm/°C
Maximum Operating Voltage............50 V
Environmental Characteristics
Thermal Shock and
Power Conditioning ...................... 0.1 %
Short Time Overload ..................... 0.1 %
Terminal Strength ........................ 0.25 %
Resistance to Soldering Heat ....... 0.1 %
Moisture Resistance ..................... 0.1 %
Life .............................................. 0.50 %
Physical Characteristics
Body Material Flammability
...........................Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
150
1.75
1.50
1.25
1.00
.75
.50
.25
25
()
4311T
4310T
4309T
4308T
4306T
125
Package Power Ratings at 70°C
TS
K
4304 .......... ............ 0.60...... 0.80 watts
4306 ...... 0.75.......... 0.90...... 1.20 watts
4308 ...... 1.00.......... 1.20...... 1.60 watts
4309 ...... 1.13 ................................watts
4310 ...... 1.25.......... 1.50...... 2.00 watts
4311 ...... 1.38 ................................watts
27.53
(1.084)
4.95
(.195)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.02 ± .12
(.040 ± .005)
2.54 ± .07
(.100 ± .003*)
TYP.
NON-ACCUM.
.483 ± .050
(.020 ± .002)
2.16 ± .10
(.085 ± .004)
1.02 ± .05
(.0425 ± .002)
.254 ± .050
(.010 ± .002)
PIN #1 REF.
.381 + .127/ - .000
(.015 + .005/ - 000)
MAX.
24.99
(.984)
MAX.
22.45
(.884)
MAX.
19.92
(.784)
MAX.
14.83
(.584)
MAX.
TYP.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PART
NUMBER
4311T-101-
1003BB
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
43 11 T - 101 - 2222 F A B __
Model
(43 = Molded SIP)
Number of Pins
Physical Config.
•T = Low Profile Thin Film
•S = Med. Profile Thin Film
•K = High Profile Thin Film
Electrical Configuration
•101 = Bussed
•102 = Isolated
•106 = Series
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Terminations
• L = Tin-plated (RoHS compliant version)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Features
RoHS compliant* (see How to Order
“Termination” option)
Low profile provides compatibility with
DIPs
Also available in medium profile (4300S -
.250 ”) and high profile (4300K - .350 ”)
Marking on contrasting background
Custom circuits available per factory
Package Power Temp. Derating Curve
(Low Profile, 4300T)
Product Dimensions
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 4311T-106-2222BBAL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4311T-106-2222BB BOURNS-4311T-106-2222BB Datasheet
186Kb / 2P
   Thin Film Molded SIP
4311T-106-2222BBL BOURNS-4311T-106-2222BBL Datasheet
186Kb / 2P
   Thin Film Molded SIP
More results

Similar Description - 4311T-106-2222BBAL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4300T BOURNS-4300T Datasheet
186Kb / 2P
   Thin Film Molded SIP
logo
List of Unclassifed Man...
4600T ETC1-4600T Datasheet
140Kb / 2P
   THIN FILM CONFORMAL SIP
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
   PRECISION THIN FILM SIP NETWORKS
logo
Bourns Electronic Solut...
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
   Thin Film Molded DIP
logo
List of Unclassifed Man...
DS1L5VJA00S ETC2-DS1L5VJA00S Datasheet
77Kb / 2P
   DS1L series, SIP thin film delay lines
DL1L5XK260S ETC1-DL1L5XK260S Datasheet
72Kb / 2P
   DS1L series, SIP thin film delay lines
4604T-101-222FAB ETC1-4604T-101-222FAB Datasheet
154Kb / 2P
   4600T, S, K Series - Thin Film Conformal SIP
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com