Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C040A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT29C040A
Description  4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT29C040A Datasheet HTML 3Page - ATMEL Corporation AT29C040A Datasheet HTML 4Page - ATMEL Corporation AT29C040A Datasheet HTML 5Page - ATMEL Corporation AT29C040A Datasheet HTML 6Page - ATMEL Corporation AT29C040A Datasheet HTML 7Page - ATMEL Corporation AT29C040A Datasheet HTML 8Page - ATMEL Corporation AT29C040A Datasheet HTML 9Page - ATMEL Corporation AT29C040A Datasheet HTML 10Page - ATMEL Corporation AT29C040A Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Program Cycle Characteristics
Symbol
Parameter
Min
Max
Units
tWC
Write Cycle Time
10
ms
tAS
Address Set-up Time
10
ns
tAH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
10
ns
tWP
Write Pulse Width
90
ns
tBLC
Byte Load Cycle Time
150
µs
tWPH
Write Pulse Width High
100
ns
Program Cycle Waveforms
(1, 2, 3)
Notes: 1. A8 through A18 must specify the sector address
during each high to low transition of WE (or CE).
2. OE must be high when WE and CE are both low.
3. All bytes that are not loaded within the sector being
programmed will be indeterminate.
AT29C040A
7


Similar Part No. - AT29C040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-12JC ATMEL-AT29C040A-12JC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-12JI ATMEL-AT29C040A-12JI Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-12JU ATMEL-AT29C040A-12JU Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-12PC ATMEL-AT29C040A-12PC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
More results

Similar Description - AT29C040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29LV040A ATMEL-AT29LV040A Datasheet
432Kb / 10P
   4 Megabit 512K x 8 3-volt Only 256 Byte Sector CMOS Flash Memory
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
   4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com