Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VP6W Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QS18VP6W
Description  WORLD-BEAM QS18
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6W Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QS18VP6W Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18VP6W Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Diffuse (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...D
Diffuse Mode
500 mm
20.0 in
400mm
16.0 in
300 mm
12.0 in
200 mm
8.0 in
100 mm
4.0 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
QS18...D
Diffuse Mode
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...DB
Diffuse Mode
500 mm
20.0 in
400mm
16.0 in
300 mm
12.0 in
200 mm
8.0 in
100 mm
4.0 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18...DB
Diffuse Mode
Divergent (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...W
Divergent
Diffuse Mode
100 mm
4.0 in
80 mm
3.2 in
60 mm
2.4 in
40 mm
1.6 in
20 mm
0.8 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
Divergent
Diffuse Mode
QS18...W
Fixed Field - 50 mm
Fixed Field - 100 mm
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
1.0 mm
0.04 in
10.0 mm
0.4 in
100 mm
4.0 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...FF50
Fixed-Field
N/A
1
10
100
1.0 mm
0.04 in
10.0 mm
0.4 in
100 mm
4.0 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...FF100
Fixed-Field
N/A
Opposed - Plastic Fiber
Bifurcated - Plastic Fiber (Performance is based on a 90% re-
flectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
.40 in
100 mm
4.0 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18..FP
QS18..FP
Opposed Mode
Plastic Fibers
PIT66U Fiber
PIT46U Fiber
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
50 mm
2 in
0
0
20 mm
40 mm
60 mm
20 mm
40 mm
60 mm
0
0.8 in
1.6 in
2.4 in
0.8 in
1.6 in
2.4 in
DISTANCE
QS18..FP
QS18..FP
PIT46U
PIT66U
Opposed Mode
Plastic Fibers
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Diffuse Mode
Plastic Fibers
PBT66U Fiber
PBT46U Fiber
QS18..FP
QS18..FP
100 mm
4.8 in
80 mm
3.2 in
60 mm
2.4 in
40 mm
1.6 in
20 mm
0.8 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18..FP
QS18..FP
PBT46U
PBT66U
Diffuse Mode
Plastic Fibers
WORLD-BEAM QS18
6
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H


Similar Part No. - QS18VP6W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6W ETC2-QS18VP6W Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6W ETC2-QS18VP6W Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS18VP6W ETC2-QS18VP6W Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6WQ8 ETC2-QS18VP6WQ8 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
More results

Similar Description - QS18VP6W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
   WORLD-BEAM QS186LE Laser Emitter
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
List of Unclassifed Man...
QS18UPA ETC2-QS18UPA Datasheet
591Kb / 10P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
TRIAD MAGNETICS
VPT18-2780 TRIAD-VPT18-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT18-8800 TRIAD-VPT18-8800 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT24-1040 TRIAD-VPT24-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT36-2780 TRIAD-VPT36-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-1040 TRIAD-VPT48-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-10400 TRIAD-VPT48-10400 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT230-220 TRIAD-VPT230-220 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com