Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT29C010A Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT29C010A
Description  1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 5 page
background image
AC Read Characteristics
AT29C010A-70
AT29C010A-90
AT29C010A-12
AT29C010A-15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
70
90
120
150
ns
tCE (1)
CE to Output Delay
70
90
120
150
ns
tOE (2)
OE to Output Delay
0
35
0
40
0
50
0
70
ns
tDF (3, 4)
CE or OE to Output Float
0
25
0
25
0
30
0
40
ns
tOH
Output Hold from OE,
CE or Address,
whichever occurred first
00
0
0
ns
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC .
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC .
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5 ns
Input Test Waveforms and
Measurement Level
Output Test Load
70 ns
90/120/150 ns
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
AT29C010A
4-133




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT49F40964 Megabit 256K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F0101-Megabit 128K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F0404 Megabit 512K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F20482-Megabit 128K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F2048A2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29C10241 Megabit 64K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
S29AL016D16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreSPANSION
NX29F0101M-BIT 128K x 8-bit CMOS 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AT29C256256K 32K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29C257256K 32K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl