Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AT29C010A Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT29C010A
Description  1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 4 page
background image
Device Operation (Continued)
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program (2)
VIL
VIH
VIL
Ai
DIN
5V Chip Erase
VIL
VIH
VIL
Ai
Standby/Write Inhibit
VIH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A16 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code (4)
A1 - A16 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code (4)
Software (5)
A0 = VIL
Manufacturer Code (4)
A0 = VIH
Device Code (4)
4. Manufacturer Code: 1F, Device Code: D5
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH1
Output High Voltage
IOH = -400
µA
2.4
V
VOH2
Output High Voltage CMOS
IOH = -100
µA; VCC = 4.5V
4.2
V
DC and AC Operating Range
AT29C010A-70
AT29C010A-90
AT29C010A-12
AT29C010A-15
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 5%
5V
± 10%
5V
± 10%
5V
± 10%
BOOT BLOCK LOCKOUT DETECTION:
A software
method is available to determine whether programming of
either boot block section is locked out. See Software Prod-
uct Identification Entry and Exit sections. When the device
is in the software product identification mode, a read from
location 00002 will show if programming the lower address
boot block is locked out while reading location FFFF2 will
do so for the upper boot block. If the data is FE, the corre-
sponding block can be programmed; if the data is FF, the
program lockout feature has been activated and the corre-
sponding block cannot be programmed. The software
product identification exit mode should be used to return to
standard operation.
4-132
AT29C010A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT49F40964 Megabit 256K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F0101-Megabit 128K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F0404 Megabit 512K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F20482-Megabit 128K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT49F2048A2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29C10241 Megabit 64K x 16 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
S29AL016D16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreSPANSION
NX29F0101M-BIT 128K x 8-bit CMOS 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AT29C256256K 32K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29C257256K 32K x 8 5-volt Only CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl