Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCSLNN060PAUNV Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # NSCSLNN060PAUNV
Description  TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NSCSLNN060PAUNV Datasheet(HTML) 1 Page - Honeywell Accelerometers

  NSCSLNN060PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 8Page - Honeywell Accelerometers NSCSLNN060PAUNV Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TruStability® Board Mount
Pressure Sensors:
NSC Series
Uncompensated/Unamplified
DESCRIPTION
The TruStability
NSC Series-Uncompensated/Unamplified is
a piezoresistive silicon pressure sensor offering a ratiometric
analog output for reading pressure over the specified full scale
pressure span and temperature range.
The NSC Series is both unamplified and uncompensated. It
offers infinite resolution on the pressure signal. Frequency
response is limited only by the end user’s system. The sensor
will operate as specified from -40 C to 85 C [-40 F to
185 F].
These products are ideal for those customers who want to do
their own compensation, calibration, and amplification in order
to make use of the maximum resolution of the bare sensor
output, leveraging a custom algorithm required for the
application.
The NSC Series allows customers the flexibility of self-
calibration while still benefiting from the industry-leading
stability, accuracy, and repeatability that the Honeywell
TruStability® Pressure Sensors provide.
Additionally, the NSC Series offers numerous package styles
and mounting options, making it easier for the device
manufacturer to integrate the product into their application.
These sensors measure absolute, differential, and gage
pressures. The absolute versions have an internal vacuum
reference and an output value proportional to absolute
pressure. Differential versions allow application of pressure to
either side of the sensing diaphragm. Gage versions are
referenced to atmospheric pressure and provide an output
proportional to pressure variations from atmosphere.
The NSC Series sensors are intended for use with non-
corrosive, non-ionic gases, such as air and other dry gases
and for non-corrosive, non-ionic liquids. All products are
designed and manufactured according to ISO 9001.
FEATURES AND BENEFITS (
=competitive differentiator)
Industry-leading long-term stability: Even after long-term
use and thermal extremes, these sensors perform
substantially better relative to stability than any other
pressure sensor available in the industry today:
Minimizes system calibration needs and maximizes
system performance
Helps support system uptime by eliminating the need to
service or replace the sensor during its application life
Industry-leading accuracy: Extremely tight accuracy of
±0.25 %FSS BFSL:
Reduces software needs to correct system
inaccuracies, minimizing system design time
Supports system accuracy and warranty requirements
Helps to optimize system uptime


Similar Part No. - NSCSLNN060PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCSLNN060PAUNV HONEYWELL-ACC-NSCSLNN060PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
More results

Similar Description - NSCSLNN060PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Solid State E...
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Sensortechnics GmbH
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com