Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VP6RB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QS18VP6RB
Description  WORLD-BEAM QS18
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6RB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QS18VP6RB Datasheet HTML 1Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dimensions and Features
Models E, EV, R, and FF
Models EB and RB
Models DB and W
Model Suffix E, EV, R, and FF
15.0 mm
(0.59")
31.0 mm
(1.22")
3.0 mm
(0.12")
17.1 mm
(0.67")
24.1 mm
(0.95")
35.0 mm
(1.38")
Yellow
LED
Green
LED
Ø3.3 mm (0.13")
Max. torque 0.6 Nm (5 in-lbs)
Model Suffix EB, RB
3.0 mm
(0.12")
21.1 mm
(0.82")
Model Suffix DB, W
3.0 mm
(0.12")
21.1 mm
(0.82")
Models FP
Models CV15, CV45, D, LV, and LP
Models F
Model Suffix FP
15.0 mm
(0.59")
7.5 mm
(0.30")
13.4 mm
(0.53")
7.6 mm
(0.30")
17.1 mm
(0.67")
27.5 mm
(1.09")
5.2 mm
(0.21")
31.0 mm
(1.22")
3.0 mm
(0.12")
CV Models:
33.2 mm (1.31")
Model Suffix CV15, CV45, D, LV, LP
Single-turn
Sensitivity
Adjustment
M18x1 Thread
Max. torque 2.3 Nm (20 in-lbs)
Model Suffix F
17.1 mm
(0.67")
36.9 mm
(1.45")
19.8 mm
(0.78")
Slot for
Fiber Clip
Model Suffix Q7
Model Suffix Q8
Model Suffix Q
(e.g. QS186EQ)
Model Suffix Q5
(e.g. QS186EQ5)
(e.g. QS186EQ7)
(e.g. QS186EQ8)
150 mm (6")
Pico-style
Pigtail
150 mm (6")
Euro-style
Pigtail
41.5 mm
(1.63")
49 mm
(1.93")
Integral
4-pin
Pico-Style QD
Integral
4-pin
Euro-Style QD
M18 x 1 Jam Nut
Packing List
8.0 mm
(0.32")
24.2 mm
(0.95")
M3 hardware packet contents:
2 - M3 x 0.5 x 20 mm stainless steel screw
2 - M3 x 0.5 stainless steel hex nut
2 - M3 stainless steel washer
Sensor
M18 x 1 jam nut
M3 hardware packet
Installation sheet, p/n 63687
WORLD-BEAM QS18
4
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H


Similar Part No. - QS18VP6RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RB ETC2-QS18VP6RB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6RB ETC2-QS18VP6RB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VP6RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
   WORLD-BEAM QS186LE Laser Emitter
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
List of Unclassifed Man...
QS18UPA ETC2-QS18UPA Datasheet
591Kb / 10P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
TRIAD MAGNETICS
VPT18-2780 TRIAD-VPT18-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT18-8800 TRIAD-VPT18-8800 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT24-1040 TRIAD-VPT24-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT36-2780 TRIAD-VPT36-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-1040 TRIAD-VPT48-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-10400 TRIAD-VPT48-10400 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT230-220 TRIAD-VPT230-220 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com