Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCSANN060PAUNV Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # NSCSANN060PAUNV
Description  TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NSCSANN060PAUNV Datasheet(HTML) 6 Page - Honeywell Accelerometers

Back Button NSCSANN060PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 8Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 9Page - Honeywell Accelerometers NSCSANN060PAUNV Datasheet HTML 10Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.honeywell.com/sensing
Table 7. Pressure Range Specifications for 60 mbar to 10 bar
Pressure
Range
Offset
10
(mV/V)
Sensitivity
(mV/V/Full Scale
Span)
TCO
11
(%FSS/25 C)
TCS
12
(%FSS/25 C)
Bridge
Resistance
13
(kOhm)
TCR
14
(-40 C to
25 C)
(ppm/°C)
TCR
15
(25 C to
85 C)
(ppm/°C)
Long-term
Stability
(1000 hr,
25 °C
[77 °F])
(%FSS)
Pmin. Pmax.
Min. Max.
Min.
Nom. Max.
Min. Nom. Max. Min. Nom. Max. Min. Nom. Max.
Min.
Max.
Min.
Max.
Absolute
001BA
0
1
bar
2
4
N/A
-6.0
6.0
10.0 14.5 19.0 -3.8
0.0
3.8
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
1.6BA
0
1.6
bar
4.1
8
N/A
-6.0
6.0
7.7
11.4 15.2 -4.9
0.0
4.9
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
2.5BA
0
2.5
bar
4.1
8
N/A
-6.0
6.0
12.0 17.9 23.8 -3.1
0.0
3.1
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
004BA
0
4
bar
8
17
N/A
-6.0
6.0
10.3 14.7 19.0 -3.6
0.0
3.6
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
006BA
0
6
bar
17
17
N/A
-6.0
6.0
7.9
11.0 14.0 -4.8
0.0
4.8
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
010BA
0
10
bar
17
17
N/A
-6.0
6.0
13.2 18.3 23.4 -2.9
0.0
2.9
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
Differential
060MD
-60
60 mbar 340 1380 10000 -8.5
3.5
7.8
11.3 14.8 -1.3
0.6
1.3
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
100MD -100 100 mbar 340 1380 10000 -8.5
3.5
13.1 18.9 24.7 -0.8
0.3
0.8
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
160MD -160 160 mbar 340 1380 10000 -8.5
3.5
20.9 30.2 39.4 -0.5
0.2
0.5
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
250MD -250 250 mbar 1380 2760 10000 -8.5
3.5
14.5 21.8 29.0 -0.7
0.3
0.7
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
400MD -400 400 mbar 1380 2760 10000 -7.0
5.3
23.2 34.8 46.4 -0.4
0.2
0.4
-6.3 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.35%
600MD -600 600 mbar 2060 4100 10000 -7.0
5.3
12.0 18.0 24.0 -0.8
0.5
0.8
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
001BD
-1
1
bar
2
4
10
-7.0
5.3
20.0 30.0 40.0 -0.6
0.3
0.5
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
1.6BD
-1.6
1.6
bar
4.1
8
10
-7.0
5.3
24.0 32.0 40.0 -0.4
0.3
0.4
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
2.5BD
-2.5
2.5
bar
4.1
8
10
-7.0
5.3
37.5 50.0 62.5 -0.3
0.2
0.3
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
004BD -4.0
4.0
bar
8
17
17
-7.0
5.3
33.6 40.0 46.4 -0.3
0.2
0.3
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
006BD -6.0
6.0
bar
17
17
17
-7.0
5.3
25.2 30.0 34.8 -0.4
0.3
0.4
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
010BD -10.0 10
bar
17
17
17
-7.0
5.3
42.0 50.0 58.0 -0.2
0.1
0.2
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
Gage
060MG
0
60 mbar 340 1380 10000 -8.5
3.5
3.9
5.7
7.4
-2.6
1.1
2.6
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
100MG
0
100 mbar 340 1380 10000 -8.5
3.5
6.5
9.4
12.3 -1.5
0.7
1.5
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
160MG
0
160 mbar 340 1380 10000 -8.5
3.5
10.4 15.1 19.7 -1.0
0.4
1.0
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
250MG
0
250 mbar 1380 2760 10000 -8.5
3.5
7.3
10.9 14.5 -1.4
0.6
1.4
-6.3 -5.0 -3.8
4
5
6
1200 2200 2220
3200
0.35%
400MG
0
400 mbar 1380 2760 10000 -7.0
5.3
11.6 17.4 23.2 -0.9
0.4
0.9
-6.3 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.35%
600MG
0
600 mbar 2060 4100 10000 -7.0
5.3
6.0
9.0
12.0 -1.7
1.0
1.7
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.35%
001BG
0
1
bar
2
4
10
-7.0
5.3
10.0 15.0 20.0 -1.0
0.6
1.0
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
1.6BG
0
1.6
bar
4.1
8
10
-7.0
5.3
12.0 16.0 20.0 -0.8
0.5
0.8
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
2.5BG
0
2.5
bar
4.1
8
10
-7.0
5.3
18.8 25.0 31.3 -0.6
0.4
0.5
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
004BG
0
4
bar
8
17
17
-7.0
5.3
16.8 20.0 23.2 -0.6
0.4
0.6
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
006BG
0
6
bar
17
17
17
-7.0
5.3
12.6 15.0 17.4 -0.8
0.6
0.8
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
010BG
0
10
bar
17
17
17
-7.0
5.3
21.0 25.0 29.0 -0.5
0.4
0.5
-8.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2220
3200
0.25%
Notes:
10.
Offset: T
he output signal obtained when the reference pressure is applied to all available pressure ports. Also known as “null” or “zero”.
11.
TCO (Thermal Effect on Offset): The deviation in offset due to changes in temperature over the specified temperature range, relative to offset measured
at 25 C.
12.
TCS (Thermal Effect on Span): The deviation in full scale span due to changes in temperature over the specified temperature range, relative to full
scale span measured at 25 C.
13.
Bridge Resistance: The resistance of the device measured across the power supply leads.
14.
TCR (Thermal Coefficient of Resistance): The deviation in bridge resistance due to changes in temperature over the specified temperature range,
relative to bridge resistance measured at 25 C.
Table 8. Pinout for DIP and SMT Packages
Output Type
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
analog
GND
OUTPUT+
Vsupply
OUTPUT-
NC
NC
NC
NC
Table 9. Pinout for SIP Packages
Output Type
Pin 1
Pin 2
Pin 3
Pin 4
analog
GND
OUTPUT+
Vsupply
OUTPUT-


Similar Part No. - NSCSANN060PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCSANN060PAUNV HONEYWELL-ACC-NSCSANN060PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
More results

Similar Description - NSCSANN060PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Solid State E...
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Sensortechnics GmbH
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com