Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4116T-2-2222FAB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4116T-2-2222FAB
Description  Thin Film Molded DIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4116T-2-2222FAB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4116T-2-2222FAB Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4100T - Thin Film Molded DIP
Product Characteristics
Resistance Range ........50 to 100K ohms
Resistance Tolerance
..........................±0.1 %, ±0.5 %, ±1 %
Temperature Coefficient
..................±100 ppm/°C, ±50 ppm/°C,
±25 ppm/°C
Temperature Range
.................................-55 °C to +125 °C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking .........................±5 ppm/°C
Maximum Operating Voltage............50 V
Environmental Characteristics
TESTS PER MIL-STD-202........ ∆R MAX.
Thermal Shock .............................. 0.1 %
Low Temperature Operation ....... 0.25 %
Short Time Overload ..................... 0.1 %
Resistance to Soldering Heat ....... 0.1 %
Moisture Resistance ..................... 0.1 %
Mechanical Shock....................... 0.25 %
Life ................................................ 0.5 %
High Temperature Storage ............ 0.2 %
Low Temperature Storage............. 0.1 %
Physical Characteristics
Lead Frame Material
..........................Copper, solder coated
Body Material Flammability
...........................Conforms to UL94V-0
Body Material ..................Novolac Epoxy
AMBIENT TEMPERATURE ( C )
°
2.75
2.50
2.25
2.00
1.75
1.50
1.25
()
0
70
150
25
125
4118T
4120T
4114T
4116T
4108T
3.00
1.00
Package Power Ratings at 70 °C
4108T ......................................1.09 watts
4114T ......................................2.00 watts
4116T ......................................2.25 watts
4118T ......................................2.50 watts
4120T ......................................2.80 watts
PIN #1 REF.
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03 ± .12
(.080 ± .005)
TYP.
.89 ± .25
(.035 ± .010)
2.54 ± .25
(.100 ± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438 ± .050
(.019 ± .002)
TYP.
7.87 ± .25
(.310 ± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71 ± .10
(.264 ± .004)
.254 ± .050
(.010 ± .002)
8.64 ± .50
(.340 ± .020)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
ABSOLUTE
TOLERANCE CODE
TC CODE
4116T-2-
-2203BC
YYWW
Typical Part Marking
Represents total content. Layout may vary.
How To Order
41 16 T - 2 - 2222 F A B __
Model
(41 = Molded Dip)
Number of Pins
Physical Config.
•T = Thin Film
Electrical Configuration
•2 = Bussed
•1 = Isolated
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •B = ±0.1% to R1
•D = ±0.5% to R1
Terminations
• L = Tin-plated (RoHS compliant version)
• Blank = Tin/Lead-plated
Consult factory for other available options.
Features
RoHS compliant* (see How to Order
“Termination” option)
Custom circuits available per factory
Isolated Resistors (1 Circuit)
Available in 8, 14, 16, 18, and 20 Pin
Bussed Resistors (2 Circuit)
Available in 8, 14, 16, 18, and 20 Pin
These models incorporate 4, 7, 8, 9, or
10 thin-film resistors of equal value,
each connected between a separate pin.
Power Rating per Resistor..........0.2 watt
Resistance Range .......50 to 100K ohms
These models incorporate 7, 13, 15, 17,
or 19 thin-film resistors of equal value,
each connected by a common pin.
Power Rating per Resistor........0.12 watt
Resistance Range .........50 to 50K ohms
1
7
14
8
14
8
1
7
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Dimensions
Package Power Temp. Derating Curve
REV. 09/07
For information on thin film applications,
download Bourns’ Thin Film Application
Note.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 4116T-2-2222FAB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
More results

Similar Description - 4116T-2-2222FAB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
4311T-101-2222BAAL BOURNS-4311T-101-2222BAAL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4300T BOURNS-4300T Datasheet
186Kb / 2P
   Thin Film Molded SIP
logo
Meder Electronic
DIP MEDER-DIP Datasheet
433Kb / 5P
   Molded DIP
logo
Vishay Siliconix
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
Revision: 03-Dec-12
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
logo
RCD COMPONENTS INC.
SMN16AS-10R0-J RCD-SMN16AS-10R0-J Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
logo
Bi technologies
NQS BITECH-NQS Datasheet
82Kb / 5P
   .025??Pitch DIP Precision Thin Film Surface Mount Resistor Networks
logo
Vishay Siliconix
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com