Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29BV040A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT29BV040A
Description  4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29BV040A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29BV040A Datasheet HTML 1Page - ATMEL Corporation AT29BV040A Datasheet HTML 2Page - ATMEL Corporation AT29BV040A Datasheet HTML 3Page - ATMEL Corporation AT29BV040A Datasheet HTML 4Page - ATMEL Corporation AT29BV040A Datasheet HTML 5Page - ATMEL Corporation AT29BV040A Datasheet HTML 6Page - ATMEL Corporation AT29BV040A Datasheet HTML 7Page - ATMEL Corporation AT29BV040A Datasheet HTML 8Page - ATMEL Corporation AT29BV040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
AT29BV040A
0383G–FLASH–5/03
Note:
1. After power is applied and VCC is at the minimum specified data sheet value, the system should wait 20 ms before an opera-
tional mode is started.
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code is 1F. The Device Code is C4.
5. See details under Software Product Identification Entry/Exit.
DC and AC Operating Range
AT29BV040A-20
AT29BV040A-25
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
(1)
2.7V to 3.6V
2.7V to 3.6V
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
V
IL
V
IL
V
IH
Ai
D
OUT
Program
(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
VIH
X
(1)
XX
High Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
V
IL
X
Output Disable
X
VIH
XHigh Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A18 = V
IL, A9 = VH
(3), A0 = V
IL
Manufacturer Code
(4)
A1 - A18 = VIL, A9 = VH
(3), A0 = V
IH
Device Code
(4)
Software
(5)
A0 = V
IL, A1 - A18 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A18 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
1µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
1µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
Com.
40
µA
Ind.
50
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA; VCC = 3.6V
15
mA
VIL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 3.0V
0.45
V
V
OH
Output High Voltage
I
OH = -100 µA; VCC = 3.0V
2.4
V


Similar Part No. - AT29BV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A-20JU ATMEL-AT29BV040A-20JU Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A-20TU ATMEL-AT29BV040A-20TU Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT29BV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com