Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29BV040A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT29BV040A
Description  4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29BV040A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT29BV040A Datasheet HTML 1Page - ATMEL Corporation AT29BV040A Datasheet HTML 2Page - ATMEL Corporation AT29BV040A Datasheet HTML 3Page - ATMEL Corporation AT29BV040A Datasheet HTML 4Page - ATMEL Corporation AT29BV040A Datasheet HTML 5Page - ATMEL Corporation AT29BV040A Datasheet HTML 6Page - ATMEL Corporation AT29BV040A Datasheet HTML 7Page - ATMEL Corporation AT29BV040A Datasheet HTML 8Page - ATMEL Corporation AT29BV040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
AT29BV040A
0383G–FLASH–5/03
Any attempt to write to the device without the 3-byte command sequence will start the
internal write timers. No data will be written to the device; however, for the duration of
t
WC, a read operation will effectively be a polling operation.
After the software data protection’s 3-byte command code is given, a byte load is per-
formed by applying a low pulse on the WE or CE input with CE or WE low (respectively)
and OE high. The address is latched on the falling edge of CE or WE, whichever occurs
last. The data is latched by the first rising edge of CE or WE.
The 256 bytes of data must be loaded into each sector. Any byte that is not loaded dur-
ing the programming of its sector will be indeterminate. Once the bytes of a sector are
loaded into the device, they are simultaneously programmed during the internal pro-
gramming period. After the first data byte has been loaded into the device, successive
bytes are entered in the same manner. Each new byte to be programmed must have its
high-to-low transition on WE (or CE) within 150 µs of the low-to-high transition of WE (or
CE) of the preceding byte. If a high-to-low transition is not detected within 150 µs of the
last low-to-high transition, the load period will end and the internal programming period
will start. A8 to A18 specify the sector address. The sector address must be valid during
each high-to-low transition of WE (or CE). A0 to A7 specify the byte address within the
sector. The bytes may be loaded in any order; sequential loading is not required.
HARDWARE DATA PROTECTION:
Hardware features protect against inadvertent
programs to the AT29BV040A in the following ways: (a) VCC sense – if VCC is below
1.8V (typical), the program function is inhibited; (b) VCC power on delay – once VCC has
reached the VCC sense level, the device will automatically time out 10 ms (typical)
before programming; (c) Program inhibit – holding any one of OE low, CE high or WE
high inhibits program cycles; and (d) Noise filter – pulses of less than 15 ns (typical) on
the WE or CE inputs will not initiate a program cycle.
INPUT LEVELS: While operating with a 2.7V to 3.6V power supply, the address inputs
and control inputs
(OE, CE and WE) may be driven from 0 to 5.5V without adversely
affecting the operation of the device. The I/O lines can only be driven from 0 to VCC +
0.6V.
PRODUCT IDENTIFICATION:
The product identification mode identifies the device
and manufacturer as Atmel. It may be accessed by hardware or software operation. The
hardware operation mode can be used by an external programmer to identify the correct
programming algorithm for the Atmel product. In addition, users may wish to use the
software product identification mode to identify the part (i.e. using the device code), and
have the system software use the appropriate sector size for program operations. In this
manner, the user can have a common board design for 256K to 4-megabit densities
and, with each density’s sector size in a memory map, have the system software apply
the appropriate sector size.
For details, see Operating Modes (for hardware operation) or Software Product Identifi-
cation. The manufacturer and device code is the same for both modes.
DATA POLLING:
The AT29BV040A features DATA polling to indicate the end of a
program cycle. During a program cycle an attempted read of the last byte loaded will
result in the complement of the loaded data on I/O7. Once the program cycle has been
completed, true data is valid on all outputs and the next cycle may begin. DATA polling
may begin at any time during the program cycle.
TOGGLE BIT:
In addition to DATA polling the AT29BV040A provides another method
for determining the end of a program or erase cycle. During a program or erase opera-
tion, successive attempts to read data from the device will result in I/O6 toggling
between one and zero. Once the program cycle has completed, I/O6 will stop toggling


Similar Part No. - AT29BV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A-20JU ATMEL-AT29BV040A-20JU Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A-20TU ATMEL-AT29BV040A-20TU Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT29BV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com