Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTL-1029 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # XTL-1029
Description  General, industrial, microcontrollers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XTL-1029 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  XTL-1029 Datasheet HTML 1Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 2Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 3Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 4Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 5Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 6Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 7Page - List of Unclassifed Manufacturers XTL-1029 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Crystals
Page <8>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specification Table
Nominal Frequency Range
10 to 30 MHz
30 to 60 MHz
Vibration Mode
Fundamental (AT)
3rd Overtone (AT)
Frequency Tolerance at 25°C
±20, ±30 or ±50 ppm
Temperature Stability
±30 or ± 50 ppm
Operating Temperature Range
-20°C to +70°C
Storage Temperature Range
-30°C to +80°C
Load Capacitance
8 pF to 32 pF or series
Equivalent Series Resistance
See ESR table below
Shunt Capacitance
7 pF maximum
Drive Level
100 µW maximum
Insulation Resistance
500 M
Ω minimum at 100 V dc
Aging
±5 ppm per year
Case
Vibration
DX-57
Frequency
Mode
Ω Maximum
10 - 13.99 MHz
F
60
14 - 30 MHz
F
50
30 - 60 MHz
3
100
ESR Table
Case
Frequency
(MHz)
Frequency
Tolerance
(PPM)
Temperature
Stability
(PPM)
Temperature
Range
60 = -10 to +60
70 = -20 to +70
Load
Capacitance
pf
00 = Series
Vibration Mode
AT Cut
F = Fund
0.3 Overtone
Ant Part
Number
DX57
10
30
50
70
20
ATF
XTL-7024
DX57
11.0592
30
50
70
20
ATF
XTL-7026
DX57
12
30
50
70
20
ATF
XTL-7029
DX57
18.432
30
50
70
20
ATF
XTL-7036
DX57
19.6608
30
50
70
20
ATF
XTL-7040
DX57
24
30
50
70
20
ATF
XTL-7047
DX57
27
30
50
70
20
ATF
XTL-7052
DX57
32
30
50
70
20
AT3
XTL-7056
Part Number Table
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - XTL-1029

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XTL VISHAY-XTL Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
RF Monolithics, Inc
XTL1001 RFM-XTL1001 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1002 RFM-XTL1002 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003 RFM-XTL1003 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003-1 RFM-XTL1003-1 Datasheet
505Kb / 6P
   Surface Mount Seam-Weld Package
More results

Similar Description - XTL-1029

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05JJ6 FREESCALE-MC68HC05JJ6 Datasheet
1Mb / 216P
   General Release Specification Microcontrollers
logo
New Jersey Semi-Conduct...
PLQ08 NJSEMI-PLQ08 Datasheet
49Kb / 1P
   GENERAL PURPOSE INDUSTRIAL
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
logo
Fairchild Semiconductor
BAX16 FAIRCHILD-BAX16 Datasheet
36Kb / 1P
   General Purpose Industrial Diode
logo
Freescale Semiconductor...
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
TE Connectivity Ltd
RMC TEC-RMC Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com