Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NTE4
Description  Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NTE4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NTE4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
131
130
NM3FXI
NM3P
KMX
SM2/2
NTE10-3
NTL1
NM3FD-B
look for the logo
www.neutrik.com
NA3F5M
NA3F5M
3-pole
5-pole
NA3F5M
NA3FDM
NA3FDM
NA3MDF
NA3MDF
A d a p t e r
M o d u l e s
&
A u d i o
T r a n s f o r m e r
M o d u l e s & A u d i o T r a n s f o r m e r s
A u d i o T r a n s f o r m e r s e l e c t i o n G u i d e
Multifunctional modules allow to design customized adapters to suit specific needs
Based on the X and D Series connector system
NTE transformers and switch can be built in
Professional look, rugged diecast shell
Audio Transformer
Professional audio transformers for multiple applications, as e.g.
microphone or line inputs
Very low distortion, excellent frequency response
Cost effective cable version for free wiring
Fully permalloy-shielded studio versions
NTE1
1 : 1
200 : 200
200 / 2k, (600 / 10k)
-3
General purpose, splitting, XLR inline
NTE4
1 : 4
200 : 3.2k
200 / 10 K
-7
Mic input step-up
NTE10/3
1 : 3
200 : 1.8k
200 / 10 K
-7
General purpose mic input step-up
1 : 10
200 : 20k
200 / 50 K
-6
NTL1
1 : 1
10k : 10k
600 / 10k
+19
Line input
NTM1
1 : 1
200 : 200
200 / 2k
+7
Mic input, splitting
NTM4
1 : 4
200 : 3.2k
200 / 10k
+9
Mic input step-up
* measured with typical source / load impedances
Wiring: NTE*... free wires, NTL / NTM*... PCB mount, shielded; Find detailed specifications on www.neutrik.com
Part No. Turns Ratio
Impedance
Source / load
Max. Input
Applications
(prim : sec)
ratio
impedance in
level* @ 50 Hz,
1% THD [dBu]
3 pole plug
SM2/2 switch
VM housing
3-pole XLR feedthrough adapter
D-flange chassis mount
Male to female and vice versa
Utilizes XX-components
NA3FDM
3 pole XLR female
3 pole XLR male
NA3MDF
3 pole XLR male
3 pole XLR female
O r d e r i n g I n f o r m a t i o n F e e d t h r o u g h
D M X A d a p t e r s
Compact XLR 3 to 5 pole adapters for lighting (DMX)
applications
Solve interconnection problems of the old (3-pole) and new
(5-pole) DMX standard
Enable usage of standard 3-pole microphone cable for
DMX applications
Based on the worldwide accepted standard XLR connectors
Reliable and rugged diecast shell
NA3F5M
3 pole XLR female
5 pole XLR male
for DMX lighting applications
NA3M5F
3 pole XLR male
5 pole XLR female
for DMX lighting applications
O r d e r i n g I n f o r m a t i o n D M X A d a p t e r
Part No.
Port 1
Port 2
Comments
F e e d t h r o u g h
5 pole male
connector
5 pole female
connector
All metal housing


Similar Part No. - NTE4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE400 ETC2-NTE400 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
NTE Electronics
NTE4000 NTE-NTE4000 Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
NTE4001B NTE-NTE4001B Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
NTE4002B NTE-NTE4002B Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
NTE4006B NTE-NTE4006B Datasheet
122Kb / 1P
   COMPLEMENTARY METAL OXIDE SILICON
More results

Similar Description - NTE4

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA3M5F NEUTRIK-NA3M5F Datasheet
90Kb / 2P
   3 pole XLR male - 5 pole XLR female for lighting (DMX) applications
NA3F5M NEUTRIK-NA3F5M Datasheet
89Kb / 2P
   3 pole XLR female - 5 pole XLR male for lighting (DMX) applications
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
   3 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3F5F NEUTRIK-NA3F5F Datasheet
89Kb / 2P
   3 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
   5 pole XLR female - 5 pole XLR female (gender conversion adapter)
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
   3 pole XLR male - 3 pole XLR female (extention adapter)
NA5MM NEUTRIK-NA5MM Datasheet
67Kb / 2P
   5 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3MM NEUTRIK-NA3MM Datasheet
81Kb / 2P
   3 pole XLR male - 3 pole XLR male (gender conversion adapter)
NA3FMX NEUTRIK-NA3FMX Datasheet
50Kb / 2P
   3 pole XLR female - 3 pole XLR male (contacts 2 - 3 inverted)
NA3FF NEUTRIK-NA3FF Datasheet
85Kb / 2P
   3 pole XLR female - 3 pole XLR female Gender conversion adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com