Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9422CFA10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9422CFA10
Description  Accurate and reliable control of motors
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CFA10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9422CFA10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CFA10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/3
5
Auxiliary contact blocks
instantaneous, screw clamp connections
for LC1, LP1K, LP4
for LC1, LP1K
Composition
2 N.O.
-
2 N.C.
1 N.O. 1 N.C.
4 N.O.
3 N.O. 1 N.C.
2 N.C. 2 N.C.
1 N.O. 3 N.C.
-
4 N.C.
Catalog number
LA1KN20
LA1KN02
LA1KN11
LA1KN40
LA1KN31
LA1KN22
LA1KN13
LA1KN04
electronic time delay
Relay outputs, with common point changeover contact, AC or DC 24–48, 2 A maximum
Control voltage 0.85–1.1Uc
Maximum switching capacity 250 VA or 150 W
Operating temperature -10 to + 60°C
Reset time: 1.5 s for 0.5 s after the time delay period
Type
On-delay
Timing range
1–30 s
Composition
1
Voltage
AC or DC 24–48 V
AC 110–240
Reference
LA2KT2E
LA2KT2U
Suppressor modules
For LC1, LP1K
Type
Varistor (AC and DC)
Diode (DC) + zener
RC (AC)
Voltage
12–24 V
32–48 V
50–129 V
130–250 V
12–24 V
32–48 V
110–250 V
Catalog number
LA4KE1B
LA4KE1E
LA4KE1FC
LA4KE1UG
LA4KC1B
LA4KC1E
LA4KA1U
Te
Sys
K-line


Similar Part No. - 9422CFA10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CFA31 SCHNEIDER-9422CFA31 Datasheet
71Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 100A, 2 or 3 pole, FAL, FCL, FHL breaker, 36 inch cable, A1 handle
9422CFA50 SCHNEIDER-9422CFA50 Datasheet
111Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
9422CFA51 SCHNEIDER-9422CFA51 Datasheet
89Kb / 2P
   Disconnect mechanism, circuit breaker, cable operated, 100A, 2 or 3 pole, FAL, FCL, FHL breaker, 60 inch cable, A1 handle
9422CFAL10 SCHNEIDER-9422CFAL10 Datasheet
52Kb / 1P
   Disconnect mechanism, circuit breaker, cable operated, left hand, 100A, 2 or 3 pole, FAL, FCL, FHL breaker, 120 inch cable
9422CFAL50 SCHNEIDER-9422CFAL50 Datasheet
52Kb / 1P
   Disconnect mechanism, circuit breaker, cable operated, left hand, 100A, 2 or 3 pole, FAL, FCL, FHL breaker, 60 inch cable
More results

Similar Description - 9422CFA10

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
NXP Semiconductors
KMZ41 NXP-KMZ41_10 Datasheet
244Kb / 10P
   Magnetic field sensor Accurate and reliable angle measurement
Rev. 6-18 November 2010
logo
QUARTZCOM the communica...
TX7-705CM-SQ-COSA QUARTZCOM-TX7-705CM-SQ-COSA Datasheet
183Kb / 2P
   Analogue compensated high accurate and reliable CMOS SMD TCXO
logo
ELMOS Semiconductor AG
E910.71 ELMOS-E910.71 Datasheet
136Kb / 1P
   Sensorless position control of DC-motors, with drivers
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
   Enhanced sensorless startup control of BLDC motors using ST7FMC
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
   Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com