Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCSNNN015PAUNV Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # NSCSNNN015PAUNV
Description  TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NSCSNNN015PAUNV Datasheet(HTML) 2 Page - Honeywell Accelerometers

  NSCSNNN015PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 8Page - Honeywell Accelerometers NSCSNNN015PAUNV Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.honeywell.com/sensing
FEATURES AND BENEFITS (
=competitive differentiator) (continued)
Industry-leading flexibility:
Modular, flexible design with numerous package
styles, pressure ports, and options simplify
integration into the device manufacturer’s application
Single side wet media option allows the end
customer to use one port of the sensor with
condensing humidity or directly with non-corrosive
liquid media
Small size: Miniature 10 x 10 mm [0.39 x 0.39 in]
package is very small when compared to most board
mount pressure sensors
Occupies less area on the PCB
Typically allows for easy placement on crowded
PCBs or in small devices
Repeatability: Provides excellent repeatability, high
accuracy and reliability under many demanding
conditions
Extremely low power consumption (operating supply voltage
as low as 1.8 Vdc):
Reduces power consumption
Provides extended battery life
Promotes energy efficiency
Low operating voltage
Sensitive: Meets specified pressure level requirements,
providing enhanced sensitivity and accuracy over the range
Virtually insensitive to mounting orientation, allowing for
flexibility of use with the application
Ratiometric analog output
Infinite resolution
Fast response time
RoHS compliant
Absolute, differential and gage types
Pressure ranges from 1 psi to 150 psi (60 mbar to 10 bar)
Also available in the HSC Series and the SSC Series which
are fully compensated and calibrated with amplified analog or
digital I
2C or SPI outputs
POTENTIAL APPLICATIONS (
=focus applications)
Medical:
Respiratory breathing circuits:
Nebulizers
Spirometers
Patient monitoring
Flow/pressure control:
Therapeutic hospital beds
Gas collection/delivery:
Hospital gas supply
Oxygen concentrators
Precise sampling/gas flow:
Blood analysis
Gas chromatography
Analytical instrument sampling systems
Industrial:
Pneumatic components:
Valves
Pumps
Actuators
Pneumatic systems:
HVAC transmitters
Automated pneumatic assembly equipment
Pneumatic operator control systems
Gas collection/delivery:
Industrial gas supply
Precise sampling/gas flow:
Barometry
Gas chromatography
Analytical instrument sampling systems
Table 1. Absolute Maximum Ratings
1
Parameter
Min.
Max.
Unit
Supply voltage (Vsupply)
-12.0
12.0
Vdc
ESD susceptibility (human body model)
3
kV
Storage temperature
-40 [-40]
85 [185]
C [ F]
Soldering time and temperature:
Lead solder temperature (SIP, DIP)
Peak reflow temperature (SMT)
4 s max. at 250 °C [482 °F]
15 s max. at 250 °C [482 °F]


Similar Part No. - NSCSNNN015PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCSNNN015PAUNV HONEYWELL-ACC-NSCSNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
More results

Similar Description - NSCSNNN015PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Solid State E...
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Sensortechnics GmbH
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com