Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28HC64B-70JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT28HC64B-70JC
Description  64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B-70JC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT28HC64B-70JC Datasheet HTML 1Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 2Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 3Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 4Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 5Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 6Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 7Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 8Page - ATMEL Corporation AT28HC64B-70JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT28HC64B-55
AT28HC64B-70
AT28HC64B-90 AT28HC64B-120
Symbol Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
55
70
90
120
ns
tCE (1)
CE to Output Delay
55
70
90
120
ns
tOE (2)
OE to Output Delay
0
30
0
35
0
40
0
50
ns
tDF (3, 4)
OE to Output Float
0
30
0
35
0
40
0
50
ns
tOH
Output Hold
0
0
0
0
ns
AC Read Characteristics
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC.
3. tDF is specified from OE or CE, whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5ns
Input Test Waveforms and
Measurement Level
Output Test Load
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Pin Capacitance (f = 1 MHz, T = 25°C)
(1)
Note:
1. This parameter is characterized and is not 100% tested.
AT28HC64B
2-271


Similar Part No. - AT28HC64B-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B-70JI ATMEL-AT28HC64B-70JI Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-70JU ATMEL-AT28HC64B-70JU Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28HC64B-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28LV64B ATMEL-AT28LV64B Datasheet
484Kb / 9P
   64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com