Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C256R-90RI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C256R-90RI
Description  256K 32K x 8 OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C256R-90RI Datasheet(HTML) 7 Page - ATMEL Corporation

  AT27C256R-90RI Datasheet HTML 1Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 2Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 3Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 4Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 5Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 6Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 7Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 8Page - ATMEL Corporation AT27C256R-90RI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AC Programming Characteristics
TA = 25
± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Sym-
bol
Parameter
Test
Conditions*
(1)
Limits
Units
Min
Max
tAS
Address Setup Time
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup
Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to Out-
put Float Delay
(2)
0130
ns
tVPS
VPP Setup
Time
2
µs
tVCS
VCC Setup
Time
2
µs
tPW
CE Program
Pulse Width
(3)
95
105
µs
tOE
Data
Valid from OE
(2)
150
ns
tPRT
VPP Pulse Rise Time During
Programming
50
ns
*AC Conditions of Test:
Input Rise and Fall Times (10% to 90%)..............20 ns
Input Pulse Levels...................................0.45V to 2.4V
Input Timing Reference Level...................0.8V to 2.0V
Output Timing Reference Level................0.8V to 2.0V
Notes: 1. VCC must be applied simultaneously or before VPP
and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100%
tested. Output Float is defined as the point where
data is no longer driven — see timing diagram.
3. Program Pulse width tolerance is 100
µsec ± 5%.
Atmel’s 27C256R Integrated
Product Identification Code
Codes
Pins
Hex
Data
A0
O7 O6 O5 O4 O3 O2 O1 O0
Manufacturer
00
0011110
1E
Device Type
11
00011008C
Rapid Programming Algorithm
A 100
µs CE pulse width is used to program. The address
is set to the first location. VCC is raised to 6.5V and VPP is
raised to 13.0V. Each address is first programmed with
one 100
µs CE pulse without verification. Then a verifica-
tion/reprogramming loop is executed for each address. In
the event a byte fails to pass verification, up to 10 succes-
sive 100
µs pulses are applied with a verification after
each pulse. If the byte fails to verify after 10 pulses have
been applied, the part is considered failed. After the byte
verifies properly, the next address is selected until all have
been checked. VPP is then lowered to 5.0V and VCC to
5.0V. All bytes are read again and compared with the origi-
nal data to determine if the device passes or fails.
AT27C256R
3-131


Similar Part No. - AT27C256R-90RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JI ATMEL-AT27C256R-45JI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-45PI ATMEL-AT27C256R-45PI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-45RI ATMEL-AT27C256R-45RI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C256R-45TI ATMEL-AT27C256R-45TI Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results

Similar Description - AT27C256R-90RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com