Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C08A-10PI-1.8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C08A-10PI-1.8
Description  2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08A-10PI-1.8 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C08A-10PI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C08A-10PI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AT24C02A/04A/08A
4
Note:
1. This parameter is characterized and is not 100% tested.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is nor-
mally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (refer to
Data Validity timing diagram). Data changes during SCL
high periods will indicate a start or stop condition as
defined below.
START CONDITION: A high-to-low transition of SDA with
SCL high is a start condition which must precede any other
command (refer to Start and Stop Definition timing dia-
gram).
STOP CONDITION: A low-to-high transition of SDA with
SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power
mode (refer to Start and Stop Definition timing diagram).
ACKNOWLEDGE: All addresses and data words are seri-
ally transmitted to and from the EEPROM in 8 bit words
.
The EEPROM sends a zero to acknowledge that it has
received each word. This happens during the ninth clock
cycle.
STANDBY MODE: The AT24C02A/04A/08A features a low
power standby mode which is enabled: (a) upon power-up
and (b) after the receipt of the STOP bit and the completion
of any internal operations.
MEMORY RESET: After an interruption in protocol, power
loss or system reset, any 2-wire part can be reset by follow-
ing these steps:(a) Clock up to 9 cycles, (b) look for SDA
high in each cycle while SCL is high and then (c) create a
start condition as SDA is high.
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to +85°C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
2.7-, 2.5-, 1.8-volt
5.0-volt
Units
MinMax
MinMax
f
SCL
Clock Frequency, SCL
100
400
kHz
t
LOW
Clock Pulse Width Low
4.7
1.2
µs
t
HIGH
Clock Pulse Width High
4.0
0.6
µs
t
I
Noise Suppression Time(1)
100
50
ns
t
AA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
µs
t
BUF
Time the bus must be free before
a new transmission can start(1)
4.7
1.2
µs
t
HD.STA
Start Hold Time
4.0
0.6
µs
t
SU.STA
Start Set-up Time
4.7
0.6
µs
t
HD.DAT
Data In Hold Time
0
0
µs
t
SU.DAT
Data In Set-up Time
200
100
ns
t
R
Inputs Rise Time(1)
1.0
0.3
µs
t
F
Inputs Fall Time(1)
300
300
ns
t
SU.STO
Stop Set-up Time
4.7
0.6
µs
t
DH
Data Out Hold Time
100
50
ns
t
WR
Write Cycle Time
10
10
ms
Endurance(1)
5.0V, 25
°C, Page Mode
1M
1M
Write
Cycles


Similar Part No. - AT24C08A-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08A-10PI-1.8 ATMEL-AT24C08A-10PI-1.8 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C08A-10PI-1.8 ATMEL-AT24C08A-10PI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C08A-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com