Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6CU-1117P-US Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6CU-1117P-US
Description  SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CU-1117P-US Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6CU-1117P-US Datasheet HTML 1Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 2Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 3Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 4Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 5Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 6Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 7Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 8Page - Omron Electronics LLC G6CU-1117P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
158
Power PCB Relay
G6C
■ Accessories (Order Separately)
Back Connecting Sockets
Note: 1. Not applicable to the self-clinching versions.
The operating current for the socket is 5 A max.
2. Use the G6C(U)-
@@@@P-US-P6C if mounting relays in a P6C Socket.
Specifications
■ Contact Ratings
Note: P level:
λ
60 = 0.1 x 10
–6 operations
■ Coil Data
Non-latching
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
Applicable Relay
Back Connecting Socket (See note 1.)
G6C(U)-1114P-US-P6C
G6C(U)-1117P-US-P6C
G6C(U)-2114P-US-P6C
G6C(U)-2117P-US-P6C
P6C-06P
G6CK-1114P-US-P6C
G6CK-1117P-US-P6C
G6CK-2114P-US-P6C
G6CK-2117P-US-P6C
P6C-08P
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
Item
SPST-NO
SPST-NO+SPST-NC
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Rated load
10 A at 250 VAC;
10A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
8 A at 250 VAC;
8A at 30 VDC
3.5 A at 250 VAC;
3.5 A at 30 VDC
Contact material
Ag Alloy (Cd free)
Rated carry current
10 A
8 A
Max. switching voltage
380 VAC, 125 VDC (the case of latching 250 VAC, 125 VDC)
Max. switching current
10 A
8 A
Max. switching capacity
2,500 VA, 300 W
1,250 VA, 220 W
2,000 VA, 240 W
875 VA, 170 W
Min. permissible load
(reference value - see note)
10 mA at 5 VDC
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
67
45
0.078
0.067
70% max.
10% min.
160% max.
at 23
°C
Approx. 200
5
40
125
0.22
0.18
6
33.30
180
0.36
0.29
12
16.70
720
1.32
1.13
24
8.30
2,880
4.96
4.19


Similar Part No. - G6CU-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CU-1117P-US OMRON-G6CU-1117P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6CU-1117P-US OMRON-G6CU-1117P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6CU-1117P-US OMRON-G6CU-1117P-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6CU-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6B-04P OMRON-P6B-04P Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
   REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
logo
ON Semiconductor
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
   Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
logo
BOWEI Integrated Circui...
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
   8-SPST Switches
logo
National Instruments Co...
PXI-2585 NI-PXI-2585 Datasheet
205Kb / 3P
   10-Channel, 12 A SPST (Form A) Relays/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com