Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6C-1117P-US Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6C-1117P-US
Description  SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6C-1117P-US Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6C-1117P-US Datasheet HTML 1Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 2Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 3Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 4Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 5Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 6Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 7Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 8Page - Omron Electronics LLC G6C-1117P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Power PCB Relay
G6C
159
Single Coil Latching Type
Dual Coil Latching Type
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
3. The minimum pulse width of the set and reset voltage is 20 ms.
■ Characteristics
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up voltage
Reset
pick-up voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
67
45
0.09
0.06
70% max.
70% min.
160% max.
at 23
°C
Approx. 200
5
40
125
0.25
0.20
6
33.30
180
0.36
0.24
12
16.70
720
1.75
1.17
24
8.30
2,880
5.83
3.84
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set Coil
Reset Coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
93.50
32.10
0.03
0.02
0.03
0.02
70% max.
70% max.
130% max.
at 23°C)
Approx. 280
5
56
89.30
0.07
0.06
0.08
0.07
6
46.70
129
0.10
0.08
0.12
0.10
12
23.30
514
0.37
0.32
0.47
0.38
24
11.70
2,056
1.56
1.18
1.46
1.13
Contact resistance
30 m
Ω max.
Operate (set) time
10 ms max. (mean value: approx. 5 ms)
Release (reset) time
10 ms max. (mean value: approx. 2 ms; latching types: mean value: approx. 5 ms)
Bounce time
5 ms max. (Approx. 3 ms typical)
Min. set/reset signal width
Latching type: 20 ms (at 23
°C)
Max. switching
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between coil and contacts
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils (double winding latching type)
Surge withstand voltage
6.000 V (1.2 x 50
μs) between coil and contacts (latching types: 4,500 V, 1.2 x 50 μs)
Vibration resistance
Mechanical durability
10 to 55 Hz, 1.5-mm double amplitude
Malfunction durability
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Mechanical durability
1,000 m/s2 (Appox. 100G)
Malfunction durability
100 m/s2 (Approx. 10G)
Ambient temperature
Operating:
−25°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Service Life
Mechanical:
50,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr) See “Characteristic Data”
Weight
Approx. 5.6 g


Similar Part No. - G6C-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
512Kb / 10P
   Power PCB Relay
G6C-1117P-US OMRON-G6C-1117P-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6C-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6B-04P OMRON-P6B-04P Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
   REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
logo
ON Semiconductor
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
   Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
logo
BOWEI Integrated Circui...
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
   8-SPST Switches
logo
National Instruments Co...
PXI-2585 NI-PXI-2585 Datasheet
205Kb / 3P
   10-Channel, 12 A SPST (Form A) Relays/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com