Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV512A-15RI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27LV512A-15RI
Description  512K 64K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A-15RI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27LV512A-15RI Datasheet HTML 1Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 2Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 3Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 4Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 5Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 6Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 7Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 8Page - ATMEL Corporation AT27LV512A-15RI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AT27LV512A
512K (64K x 8)
Low Voltage
OTP
CMOS EPROM
Features
Fast Read Access Time - 90 ns
Dual Voltage Range Operation
Low Voltage Power Supply Range, 3.0V to 3.6V
or Standard 5V
± 10% Supply Range
Compatible with JEDEC Standard AT27C512
Low Power CMOS Operation
20
µA max. (less than 1 µA typical) Standby for VCC = 3.6V
29 mW max. Active at 5 MHz for VCC = 3.6V
JEDEC Standard Packages
32-Lead PLCC
28-Lead 330-mil SOIC
28-Lead TSOP
High Reliability CMOS Technology
2,000V ESD Protection
200 mA Latchup Immunity
RapidProgramming Algorithm - 100 µs/byte (typical)
CMOS and TTL Compatible Inputs and Outputs
JEDEC Standard for LVTTL
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27LV512A is a high performance, low power, low voltage 524,288 bit one-time
programmable read only memory (OTP EPROM) organized as 64K by 8 bits. It re-
quires only one supply in the range of 3.0V to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using battery power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while
keeping the low power consumption of a 3.3V supply. At VCC = 3.0V, any byte can be
accessed in less than 90 ns. With a typical power dissipation of only 18 mW at 5 MHz
and VCC = 3.3V, the AT27LV512A consumes less than one fifth the power of a stand-
ard 5V EPROM.
(continued)
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE/VPP
Output Enable
NC
No Connect
0607A
SOIC Top View
Note: PLCC Package Pins 1 and 17
are DON’T CONNECT.
PLCC Top View
TSOP Top View
Type 1
AT27LV512A
3-85


Similar Part No. - AT27LV512A-15RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-55JU ATMEL-AT27LV512A-55JU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-55RU ATMEL-AT27LV512A-55RU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-55TU ATMEL-AT27LV512A-55TU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-90JI ATMEL-AT27LV512A-90JI Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-90JU ATMEL-AT27LV512A-90JU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV512A-15RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com