Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSCSANT060PASA3 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # HSCSANT060PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCSANT060PASA3 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button HSCSANT060PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 9Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 10Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 11Page - Honeywell Accelerometers HSCSANT060PASA3 Datasheet HTML 12Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.honeywell.com/sensing
Figure 5. SMT Pressure Port Dimensional Drawings (For reference only: mm [in])
SMT NN: No ports
13,4
[0.53]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
5,44
[0.214]
2,54 TYP.
[0.100]
6,41
[0.252]
4,80
[0.189]
8X 0,46
[0.018]
PORT 1
PORT 2
SMT AN: Single axial barbed port
1
2
3
4
8
7
6
5
10,0
[0.39]
13,4
[0.53]
7,95
[0.313]
13,75
[0.541]
4,93 DIA.
[0.194]
2,54 TYP.
[0.100]
PORT 1
PORT 2
6,77
[0.266]
4,80
[0.189]
8X 0,46
[0.018]
6,99
[0.275]
SMT LN: Single axial barbless port
10,0
[0.394]
13,35
[0.525]
6,99
[0.275]
1
2
3
4
8
7
6
5
2,54 TYP.
[0.100]
6,77
[0.266]
4,80
[0.189]
5,80
[0.228]
13,75
[0.541]
8X 0,46
[0.018]
PORT 1
PORT 2
2,47 DIA.
[0.097]
SMT RN: Single radial barbed port
13,3
[0.53]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
5,80
[0.228]
2,54 TYP.
[0.100]
6,77
[0.266]
4,80
[0.189]
8X 0,46
[0.018]
PORT 1
1,93 DIA.
[0.076]
4,2
[0.17]
PORT 1
PORT 2
SMT RR: Dual radial barbed ports, same side
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
6,16
[0.242]
2,54 TYP.
[0.100]
6,77
[0.266]
4,80
[0.189]
8X 0,46
[0.018]
13,35
[0.525]
4,6
[0.18]
PORT 1
PORT 2
2X 1,93 DIA.
[0.076]
PORT 1
PORT 2
4,0
[0.16]
3,78
[0.149]
SMT DR: Dual radial barbed ports, opposite sides
1
2
3
4
8
7
6
5
13,4
[0.53]
PORT 2
PORT 1
10,0
[0.39]
6,99
[0.275]
2X 2,93
[0.115]
15,8
[0.62]
2,54 TYP.
[0.100]
2X 1,93 DIA.
[0.076]
6,77
[0.266]
4,80
[0.189]
6,16
[0.242]
3,78
[0.149]
8X 0,46
[0.018]


Similar Part No. - HSCSANT060PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HSCSANT150PG2A3 HONEYWELL-ACC-HSCSANT150PG2A3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCSANT150PG2A5 HONEYWELL-ACC-HSCSANT150PG2A5 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCSANT150PG2B3 HONEYWELL-ACC-HSCSANT150PG2B3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCSANT150PG2C3 HONEYWELL-ACC-HSCSANT150PG2C3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
HSCSANT150PG2F3 HONEYWELL-ACC-HSCSANT150PG2F3 Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
More results

Similar Description - HSCSANT060PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
logo
Honeywell Accelerometer...
HSC HONEYWELL-ACC-HSC Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com