Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ26FW101 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RJ26FW101
Description  Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ26FW101 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RJ26FW101 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.78 ± .38
(.188 ± .015)
.46 ± .025
(.018 ± .001)
12 3
.76
(.030)
1.02
(.040)
1.52 ± .38
(.060 ± .015)
12 3
.76
(.030)
1.02
(.040)
4.70
(.185)
12 3
1.02
(.040)
.64
(.025)
1.02
(.040)
6.35 ± .51
(.250 ± .020)
6.35 ± .51
(.250 ± .020)
.64
(.025)
4.32 ± .38
(.170 ± .015)
2.54
(.100)
2.54
(.100)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
DIA.
ADJ. SLOT
1.78
(.070)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
RJR26FA
RJ26FW /
RJR26FW
1.52 ± .25
(.060 ± .010)
.38 ± .25
(.015 ± .010)
12 3
RJ26FX /
RJR26FX
RJ26FP /
RJR26FP
RJR26FB
TYP.
6.35 ± .25
(.250 ± .010)
4.31 ± .38
(.170 ± .015)
1.01 ± .25
(.040 ± .010)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
.76
(.030)
MIN.
1.52 ± .25
(.060 ± .010)
.46 ±.03
(.018 ±.001)
12 3
.38 ± .25
(.015 ± .010)
4.88 ± .51
(.192 ± .020)
6.85 ± .51
(.270 ± .020)
TYP.
1.22 ± .25
(.048 ± .010)
.76
(.030)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
DIA.
ADJ. SLOT
1.78
(.070)
DIA.
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
Features
Multiturn / Cermet / Industrial / Sealed
■ Listed on the QPL per MIL-PRF-22097 and
High-Rel MIL-PRF-39035
For trimmer applications/processing
guidelines, click here
RJ26/RJR26 - 1/4 ” Trimpot® Trimming Potentiometer
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual
device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.................................. 10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ............ ±10 % std.
Absolute Minimum Resistance
RJ26..........................................2 % or
20 ohms max. (whichever is greater)
RJR26 .......................................2 % or
2 ohms max. (whichever is greater)
Contact Resistance Variation ....3.0 % or
3 ohms max. (whichever is greater)
Adjustability
Voltage ...................................±0.02 %
Resistance .............................±0.05 %
Resolution.................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................... 600 vac
80,000 Feet ............................ 250 vac
Effective Travel ................. 12 turns nom.
Environmental Characteristics
Power Rating (200 volts max.)
85 °C .................................... 0.25 watt
150 °C ....................................... 0 watt
Temperature Range....-65 °C to +150 °C
Temperature Coefficient .... ±100 ppm/°C
Seal Test...................... 85 °C Fluorinert*
Humidity
RJ26.......... MIL-STD-202 Method 106
96 hours (1 %
ΔTR, 10 Megohms IR)
RJR26 ....... MIL-STD-202 Method 106
96 hours (1 %
ΔTR, 100 Megohms IR)
Vibration ....... 20 G (1 %
ΔTR; 1 % ΔVR)
Shock.......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life
RJ26..1,000 hours 0.25 watt @ 85 °C
(2 %
ΔTR; 1 % ΔVR)
RJR26 .10,000 hours 0.25 watt @ 85 °C
(3 %
ΔTR)
Rotational Life........................ 200 cycles
(2 %
ΔTR)
Physical Characteristics
Torque............................. 3.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals ..... MIL-STD-202; Method 208
Weight ..................................... 0.015 oz.
Marking................. Mil-spec part number
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .......................... U.L. 94V-0
Standard Packaging ..... 50 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
REV. 12/13
Standard Resistance Table
How To Order
RJ26 F W 202
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
MIL-PRF-22097
How To Order
RJR26 F W 204 P
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
Failure Rate
M = 1.0 %
P = 0.1 %
R = 0.01 %
MIL-PRF-39035
Resistance Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
Resistance Resistance
(Ohms)
Code
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105


Similar Part No. - RJ26FW101

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ26FW BOURNS-RJ26FW Datasheet
127Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202 Datasheet
136Kb / 1P
   Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202 Datasheet
127Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
logo
Vishay Siliconix
RJ26FW501 VISHAY-RJ26FW501 Datasheet
118Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch Square, Qualified to MIL-PRF-22097, Char. F, RJ26
Revision: 06-Nov-08
More results

Similar Description - RJ26FW101

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
   Trimming Potentiometer
RJ26FW202 BOURNS-RJ26FW202 Datasheet
136Kb / 1P
   Trimming Potentiometer
logo
Sharma Electro Componen...
WIW1024 SHARMA-WIW1024 Datasheet
707Kb / 1P
   Trimming Potentiometer
logo
Bourns Electronic Solut...
3313-3 BOURNS-3313-3 Datasheet
281Kb / 2P
   Trimming Potentiometer
3266 BOURNS-3266 Datasheet
156Kb / 2P
   Square Trimming Potentiometer
logo
DB Lectro Inc
3296-P-100 DBLECTRO-3296-P-100 Datasheet
433Kb / 1P
   Square Trimming Potentiometer
logo
Bourns Electronic Solut...
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
   Round Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202 Datasheet
169Kb / 1P
   Square Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com