Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV512A-15TC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27LV512A-15TC
Description  512K 64K x 8 Low Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A-15TC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27LV512A-15TC Datasheet HTML 1Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 2Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 3Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 4Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 5Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 6Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 7Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 8Page - ATMEL Corporation AT27LV512A-15TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Standby mode supply current is typically less than 1
µA at
3.3V.
The AT27LV512A is available in industry standard
JEDEC-approved one-time programmable (OTP) plastic
PLCC, SOIC, and TSOP packages. All devices feature
two-line control (CE, OE) to give designers the flexibility to
prevent bus contention.
The AT27LV512A operating with VCC at 3.0V produces
TTL level outputs that are compatible with standard TTL
logic devices operating at VCC = 5.0V. The device is also
capable of standard 5-volt operation making it ideally
suited for dual supply range systems or card products that
are pluggable in both 3-volt and 5-volt hosts.
Atmel’s AT27LV512A has additional features to ensure
high quality and efficient production use. The RapidPro-
gramming Algorithm reduces the time required to program
the part and guarantees reliable programming. Program-
ming time is typically only 100
µs/byte. The Integrated
Product Identification Code electronically identifies the de-
vice and manufacturer. This feature is used by industry
standard programming equipment to select the proper
programming algorithms and voltages. The AT27LV512A
programs exactly the same way as a standard 5V
AT27C512R and uses the same programming equipment.
Description (Continued)
Switching between active and standby conditions via the
Chip Enable pin may produce transient voltage excur-
sions. Unless accommodated by the system design, these
transients may exceed data sheet limits, resulting in de-
vice non-conformance. At a minimum, a 0.1
µF high fre-
quency, low inherent inductance, ceramic capacitor
should be utilized for each device. This capacitor should
be connected between the VCC and Ground terminals of
the device, as close to the device as possible. Additionally,
to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7
µF bulk electrolytic
capacitor should be utilized, again connected between the
VCC and Ground terminals. This capacitor should be posi-
tioned as close as possible to the point where the power
supply is connected to the array.
System Considerations
3-86
AT27LV512A


Similar Part No. - AT27LV512A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-55JU ATMEL-AT27LV512A-55JU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-55RU ATMEL-AT27LV512A-55RU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-55TU ATMEL-AT27LV512A-55TU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-90JI ATMEL-AT27LV512A-90JI Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27LV512A-90JU ATMEL-AT27LV512A-90JU Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV512A-15TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com