Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N222 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. 2N222
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 3 page
background image
P2N2222A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig,
connectors, and oscilloscope.
+16 V
– 2 V
< 2 ns
0
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1 k
+ 30 V
200
CS* < 10 pF
+16 V
–14 V
0
< 20 ns
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1 k
+ 30 V
200
CS* < 10 pF
– 4 V
1N914
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
100
200
300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 4. Collector Saturation Region
TJ = 125°C
TJ = 25°C
25
°C
–55
°C
IC = 1.0 mA
10 mA
150 mA
500 mA
VCE = 1.0 V
VCE = 10 V




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE253Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
MSC82003RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 5 STMicroelectronics
2SC2063RF Amplifier Epitaxial Planar NPN Silicon Transistors 1 2 3 4 Rohm
BD516PNP ILICON ANNULAR AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
MSC4000RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 3 4 Advanced Power Technology
BC16116Amplifier Transistors PNP Silicon 1 2 3 4 5 MoreMotorola, Inc
MSB1218ART1PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
NTE131Germanium Complementary Transistors Audio Power Amplifier 1 2 NTE Electronics
NTE297Silicon Complementary Transistors Audio Amplifier Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl